Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2011 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SA2011
Description  MIC AMP IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA2011 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SA2011 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA2011 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA2011 Datasheet HTML 3Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SA2011
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.3
2006.05.22
Http: www.silan.com.cn
Page 3 of 4
FUNCTION DESCRIPTION
1. This IC built-in ALC detect circuit. When input large signal, the ALC become high level, and control the output
amplitude; when input small signal, the ALC is shut down, output gain is fixed.
2. Voltage gain of amplifier is determined by the built-in negative feedback resistance.
TEST CIRCUIT
PACKAGE OUTLINE
SIP8-7
Unit: mm
2.54
1.20
0.5
45°
2.80±0.25
0.27±0.07
19.2±0.3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com