Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710i Datasheet (PDF) - SMSC Corporation

LAN8710i Datasheet PDF - SMSC Corporation
Part # LAN8710i
Download  LAN8710i Download
File Size   1166.79 Kbytes
Page   79 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint

LAN8710i Datasheet (PDF)

Go To PDF Page Download Datasheet
LAN8710i Datasheet PDF - SMSC Corporation

Part # LAN8710i
Download  LAN8710i Click to download

File Size   1166.79 Kbytes
Page   79 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint

LAN8710i Datasheet (HTML) - SMSC Corporation


LAN8710i Product details

General Description
The LAN8710/LAN8710i is a low-power 10BASE-T/100BASE-TX physical layer (PHY) transceiver that transmits and receives on unshielded twisted-pair cable. A typical system application is shown in Figure 1.2. It is available in both extended commercial and industrial temperature operating versions.
The LAN8710/LAN8710i interfaces to the MAC layer using a variable voltage digital interface via the standard MII (IEEE 802.3u). Support for RMII makes a reduced pin-count interface available. The digital interface pins are tolerant to 3.6V.
The LAN8710/LAN8710i implements Auto-Negotiation to automatically determine the best possible speed and duplex mode of operation. HP Auto-MDIX support allows using a direct connect LAN cable, or a cross-over path cable.
The LAN8710 referenced throughout this document applies to both the extended commercial temperature and industrial temperature components. The LAN8710i refers to only the industrial temperature component.

PRODUCT FEATURES
Highlights
■ Single-Chip Ethernet Physical Layer Transceiver
   (PHY)
■ Comprehensive flexPWR® Technology
   — Flexible Power Management Architecture
   — Power savings of up to 40% compared to competition
   — LVCMOS Variable I/O voltage range: +1.6V to +3.6V
   — Integrated 1.2V regulator with disable feature
■ HP Auto-MDIX support
■ Small footprint 32 pin QFN lead-free RoHS compliant
   package (5 x 5 x 0.9mm height)
  
Target Applications
■ Set-Top Boxes
■ Networked Printers and Servers
■ Test Instrumentation
■ LAN on Motherboard
■ Embedded Telecom Applications
■ Video Record/Playback Systems
■ Cable Modems/Routers
■ DSL Modems/Routers
■ Digital Video Recorders
■ IP and Video Phones
■ Wireless Access Points
■ Digital Televisions
■ Digital Media Adaptors/Servers
■ Gaming Consoles
■ POE Applications

Key Benefits
■ High-Performance 10/100 Ethernet Transceiver
   — Compliant with IEEE802.3/802.3u (Fast Ethernet)
   — Compliant with ISO 802-3/IEEE 802.3 (10BASE-T)
   — Loop-back modes
   — Auto-negotiation
   — Automatic polarity detection and correction
   — Link status change wake-up detection
   — Vendor specific register functions
   — Supports both MII and the reduced pin count RMII
      interfaces
■ Power and I/Os
   — Various low power modes
   — Integrated power-on reset circuit
   — Two status LED outputs
   — Latch-Up Performance Exceeds 150mA per EIA/JESD
      78, Class II
   — May be used with a single 3.3V supply
■ Packaging
   — 32-pin QFN (5x5 mm) Lead-Free RoHS Compliant
      package with MII and RMII
■ Environmental
   — Extended Commercial Temperature Range (0°C to
      +85°C)
   — Industrial Temperature Range (-40°C to +85°C) version
      available (LAN8710i)




Similar Part No. - LAN8710i

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN8710A SMSC-LAN8710A Datasheet
1Mb / 82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
logo
Microchip Technology
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8710A-EZC SMSC-LAN8710A-EZC Datasheet
1Mb / 82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
LAN8710A-EZC-TR SMSC-LAN8710A-EZC-TR Datasheet
1Mb / 82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
LAN8710AI SMSC-LAN8710AI Datasheet
1Mb / 82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
More results


Similar Description - LAN8710i

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN8700IC-AEZG MICROCHIP-LAN8700IC-AEZG Datasheet
1Mb / 83P
짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
Revision 2.3 (04-12-11)
logo
SMSC Corporation
LAN8710A SMSC-LAN8710A Datasheet
1Mb / 82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
LAN8720A SMSC-LAN8720A Datasheet
1Mb / 79P
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
logo
Microchip Technology
LAN8700C-AEZG-TR MICROCHIP-LAN8700C-AEZG-TR Datasheet
723Kb / 83P
짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR Technology in a Small Footprint
Revision 2.3 04-12-11
LAN8720AI-CP MICROCHIP-LAN8720AI-CP Datasheet
1Mb / 29P
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Revision 1.4 08-23-12
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
LAN8742A MICROCHIP-LAN8742A Datasheet
1Mb / 124P
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8741A MICROCHIP-LAN8741A Datasheet
1,012Kb / 106P
Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8740A MICROCHIP-LAN8740A Datasheet
1Mb / 136P
Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8700 MICROCHIP-LAN8700 Datasheet
939Kb / 74P
짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
06/23/16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com