Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710A Datasheet (PDF) - SMSC Corporation

LAN8710A Datasheet PDF - SMSC Corporation
Part # LAN8710A
Download  LAN8710A Download
File Size   1172.87 Kbytes
Page   82 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology

LAN8710A Datasheet (PDF)

Go To PDF Page Download Datasheet
LAN8710A Datasheet PDF - SMSC Corporation

Part # LAN8710A
Download  LAN8710A Click to download

File Size   1172.87 Kbytes
Page   82 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology

LAN8710A Datasheet (HTML) - SMSC Corporation


LAN8710A Product details

General Description
The LAN8710A/LAN8710Ai is a low-power 10BASE-T/100BASE-TX physical layer (PHY) transceiver with variable I/O voltage that is compliant with the IEEE 802.3-2005 standards.
The LAN8710A/LAN8710Ai supports communication with an Ethernet MAC via a standard MII (IEEE 802.3u)/RMII interface. It contains a full-duplex 10-BASE-T/100BASE-TX transceiver and supports 10Mbps (10BASE-T) and 100Mbps (100BASE-TX) operation. The LAN8710A/LAN8710Ai implements auto-negotiation to automatically determine the best possible speed and duplex mode of operation. HP Auto-MDIX support allows the use of direct connect or cross-over LAN cables.
The LAN8710A/LAN8710Ai supports both IEEE 802.3-2005 compliant and vendor-specific register functions. However, no register access is required for operation. The initial configuration may be selected via the configuration pins as described in Section 3.7, "Configuration Straps," on page 36. Register-selectable configuration options may be used to further define the functionality of the transceiver.
Per IEEE 802.3-2005 standards, all digital interface pins are tolerant to 3.6V. The device can be configured to operate on a single 3.3V supply utilizing an integrated 3.3V to 1.2V linear regulator. The linear regulator may be optionally disabled, allowing usage of a high efficiency external regulator for lower system power dissipation.
The LAN8710A/LAN8710Ai is available in both extended commercial and industrial temperature range versions. A typical system application is shown in Figure 1.1.

PRODUCT FEATURES
Highlights
■ Single-Chip Ethernet Physical Layer Transceiver
   (PHY)
■ Comprehensive flexPWR® Technology
   — Flexible Power Management Architecture
   — LVCMOS Variable I/O voltage range: +1.6V to +3.6V
   — Integrated 1.2V regulator with disable feature
■ HP Auto-MDIX support
■ Small footprint 32-pin QFN lead-free RoHS compliant
   package (5 x 5 x 0.9mm height)

Target Applications
■ Set-Top Boxes
■ Networked Printers and Servers
■ Test Instrumentation
■ LAN on Motherboard
■ Embedded Telecom Applications
■ Video Record/Playback Systems
■ Cable Modems/Routers
■ DSL Modems/Routers
■ Digital Video Recorders
■ IP and Video Phones
■ Wireless Access Points
■ Digital Televisions
■ Digital Media Adaptors/Servers
■ Gaming Consoles
■ POE Applications (Refer to SMSC Application Note 17.18)

Key Benefits
■ High-Performance 10/100 Ethernet Transceiver
   — Compliant with IEEE802.3/802.3u (Fast Ethernet)
   — Compliant with ISO 802-3/IEEE 802.3 (10BASE-T)
   — Loop-back modes
   — Auto-negotiation
   — Automatic polarity detection and correction
   — Link status change wake-up detection
   — Vendor specific register functions
   — Supports both MII and the reduced pin count RMII
      interfaces
■ Power and I/Os
   — Various low power modes
   — Integrated power-on reset circuit
   — Two status LED outputs
   — Latch-Up Performance Exceeds 150mA per EIA/JESD
      78, Class II
   — May be used with a single 3.3V supply
■ Additional Features
   — Ability to use a low cost 25Mhz crystal for reduced BOM
■ Packaging
   — 32-pin QFN (5x5 mm) Lead-Free RoHS Compliant
      package with MII and RMII
■ Environmental
   — Extended commercial temperature range
      (0°C to +85°C)
   — Industrial temperature range version available
      (-40°C to +85°C)




Similar Part No. - LAN8710A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8710A-EZK SMSC-LAN8710A-EZK Datasheet
1Mb / 79P
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
LAN8710A-EZK-TR SMSC-LAN8710A-EZK-TR Datasheet
1Mb / 79P
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
logo
Microchip Technology
LAN8710AI MICROCHIP-LAN8710AI Datasheet
1Mb / 82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
LAN8710AI-EZK MICROCHIP-LAN8710AI-EZK Datasheet
1Mb / 82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
More results


Similar Description - LAN8710A

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN8710 SMSC-LAN8710 Datasheet
1Mb / 79P
MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
LAN8720 SMSC-LAN8720 Datasheet
1Mb / 79P
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
logo
Microchip Technology
LAN8700IC-AEZG MICROCHIP-LAN8700IC-AEZG Datasheet
1Mb / 83P
짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
Revision 2.3 (04-12-11)
logo
SMSC Corporation
LAN8720A SMSC-LAN8720A Datasheet
1Mb / 79P
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
logo
Microchip Technology
LAN8700C-AEZG-TR MICROCHIP-LAN8700C-AEZG-TR Datasheet
723Kb / 83P
짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR Technology in a Small Footprint
Revision 2.3 04-12-11
LAN8720AI-CP MICROCHIP-LAN8720AI-CP Datasheet
1Mb / 29P
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Revision 1.4 08-23-12
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
LAN8742A MICROCHIP-LAN8742A Datasheet
1Mb / 124P
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8741A MICROCHIP-LAN8741A Datasheet
1,012Kb / 106P
Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8740A MICROCHIP-LAN8740A Datasheet
1Mb / 136P
Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com