Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8710A Datasheet(PDF) 9 Page - SMSC Corporation

Part # LAN8710A
Description  Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8710A Datasheet(HTML) 9 Page - SMSC Corporation

Back Button LAN8710A Datasheet HTML 5Page - SMSC Corporation LAN8710A Datasheet HTML 6Page - SMSC Corporation LAN8710A Datasheet HTML 7Page - SMSC Corporation LAN8710A Datasheet HTML 8Page - SMSC Corporation LAN8710A Datasheet HTML 9Page - SMSC Corporation LAN8710A Datasheet HTML 10Page - SMSC Corporation LAN8710A Datasheet HTML 11Page - SMSC Corporation LAN8710A Datasheet HTML 12Page - SMSC Corporation LAN8710A Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology
Datasheet
SMSC LAN8710A/LAN8710Ai
9
Revision 1.4 (08-23-12)
DATASHEET
Chapter 2 Pin Description and Configuration
Note: When a lower case “n” is used at the beginning of the signal name, it indicates that the signal
is active low. For example, nRST indicates that the reset signal is active low.
Note: The buffer type for each signal is indicated in the BUFFER TYPE column. A description of the
buffer types is provided in Section 2.2.
Figure 2.1 32-QFN Pin Assignments (TOP VIEW)
VSS
NOTE: Exposed pad (VSS) on bottom of package must be connected to ground
SMSC
LAN8710A/LAN8710Ai
32 PIN QFN
(TOP VIEW)
MDIO
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
TXD3
RXDV
VDD1A
TXN
TXP
RXN
RXP
RBIAS
COL/CRS_DV/MODE2
CRS
RXER/RXD4/PHYAD0
VDDIO
RXD0/MODE0
RXD1/MODE1
RXD2/RMIISEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com