Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDTCV193CPVG8 Datasheet (PDF) - Integrated Device Technology

IDTCV193CPVG8 Datasheet PDF - Integrated Device Technology
Part # IDTCV193CPVG8
Download  IDTCV193CPVG8 Download
File Size   181.3 Kbytes
Page   21 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description PROGRAMMABLE FLEXPC LP/S CLOCK FOR INTEL BASED SYSTEMS

IDTCV193CPVG8 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDTCV193CPVG8 Datasheet PDF - Integrated Device Technology

Part # IDTCV193CPVG8
Download  IDTCV193CPVG8 Click to download

File Size   181.3 Kbytes
Page   21 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description PROGRAMMABLE FLEXPC LP/S CLOCK FOR INTEL BASED SYSTEMS

IDTCV193CPVG8 Datasheet (HTML) - Integrated Device Technology


IDTCV193CPVG8 Product details

FEATURES:
• Compliant with Intel CK505 Gen II spec
• One high precision PLL for CPU, SSC and N programming
• One high precision PLL for SRC, SSC and N programming
• One high precision PLL for SATA/PCI, and SSC
• One high precision PLL for 96MHz/48MHz
• Push-pull IOs for differential outputs
• Support spread spectrum modulation, –0.5 down spread and others
• Support SMBus block read/write, byte read/write
• Available in TSSOP package

KEY FEATURES
• Direct CPU and SRC clock frequency programming—write the Hex number into Byte [16:18], 1MHz stepping.
• Linear and smooth transition for the CPU and SRC frequency programming.
• SATA PLL source hardware select latch pin, PLL2 or PLL4.
• Internal serial resistor hardware enable latch pin.
• WOL 25MHz support.




Similar Part No. - IDTCV193CPVG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTCV193CPVG8 RENESAS-IDTCV193CPVG8 Datasheet
345Kb / 22P
PROGRAMMABLE FLEXPC LP/S CLOCK FOR INTEL BASED SYSTEMS
APRIL 8, 2009
More results


Similar Description - IDTCV193CPVG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCV152 IDT-IDTCV152 Datasheet
91Kb / 15P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
9LPRS436C IDT-9LPRS436C Datasheet
200Kb / 20P
Low Power Clock for Intel Atom짰-Based Systems
ICS9LRS3187B IDT-ICS9LRS3187B Datasheet
199Kb / 20P
PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS
ICS9LPRS436CKILF IDT-ICS9LPRS436CKILF Datasheet
193Kb / 20P
Low Power Clock for Intel Atom짰-Based Systems
logo
Renesas Technology Corp
ICS9LRS3187B RENESAS-ICS9LRS3187B Datasheet
345Kb / 21P
PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS
2019
IDTCV142 RENESAS-IDTCV142 Datasheet
280Kb / 21P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
FEBRUARY 2005
IDTCV174C RENESAS-IDTCV174C Datasheet
277Kb / 22P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
MAY 2006
IDTCV183-2A RENESAS-IDTCV183-2A Datasheet
355Kb / 23P
PROGRAMMABLE FLEXPC CLOCK
JANUARY, 2014
IDTCV183-2B RENESAS-IDTCV183-2B Datasheet
360Kb / 23P
PROGRAMMABLE FLEXPC CLOCK
APRIL, 2015
IDTCV193 RENESAS-IDTCV193 Datasheet
345Kb / 22P
PROGRAMMABLE FLEXPC LP/S CLOCK FOR INTEL BASED SYSTEMS
APRIL 8, 2009
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com