Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS854S204I Datasheet (PDF) - Integrated Device Technology

ICS854S204I Datasheet PDF - Integrated Device Technology
Part # ICS854S204I
Download  ICS854S204I Download
File Size   427.98 Kbytes
Page   19 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description LOW SKEW, DUAL, PROGRAMMABLE 1-TO-2 DIFFERENTIALTO-LVDS, LVPECL FANOUT BUFFER

ICS854S204I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS854S204I Datasheet PDF - Integrated Device Technology

Part # ICS854S204I
Download  ICS854S204I Click to download

File Size   427.98 Kbytes
Page   19 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description LOW SKEW, DUAL, PROGRAMMABLE 1-TO-2 DIFFERENTIALTO-LVDS, LVPECL FANOUT BUFFER

ICS854S204I Datasheet (HTML) - Integrated Device Technology


ICS854S204I Product details

GENERAL DESCRIPTION
The ICS854S204I is a low skew, high performance dual, programmable 1-to-2 Differential-to-LVDS, LVPECL Fanout Buffer and a member of the HiPerClockS™family of High Performance Clock Solutions from IDT. The PCLKx, nPCLKx pairs can accept most standard differential input levels. With the selection of SEL_OUT signal, outputs can be selected be to either LVDS or LVPECL levels. The ICS854S204I is characterized to operate from either a 2.5V or a 3.3V power supply. Guaranteed output and bank skew characteristics make the ICS854S204I ideal for those clock distribution applications demanding well defined performance and repeatability.

FEATURES
• Two programmable differential LVDS or LVPECL output banks
• Two differential clock input pairs
• PCLKx, nPCLKx pairs can accept the following differential
   input levels: LVDS, LVPECL, SSTL, CML
• Maximum output frequency: 3GHz
• Translates any single ended input signal to LVDS levels
   with resistor bias on nPCLKx inputs
• Output skew: 15ps (maximum)
• Bank skew: 15ps (maximum)
• Propagation delay: 500ps (maximum)
• Additive phase jitter, RMS: 0.15ps (typical)
• Full 3.3V or 2.5V power supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS854S204I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS854S204I IDT-ICS854S204I Datasheet
1Mb / 23P
Low Skew, Dual, Programmable 1-to-2 Differential-to-LVDS, LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS854S204I RENESAS-ICS854S204I Datasheet
1Mb / 23P
Low Skew, Dual, Programmable 1-to-2 Differential-to-LVDS, LVPECL Fanout Buffer
2011
logo
Integrated Device Techn...
ICS854S204I IDT-ICS854S204I_11 Datasheet
1Mb / 23P
Low Skew, Dual, Programmable 1-to-2 Differential-to-LVDS, LVPECL Fanout Buffer
More results


Similar Description - ICS854S204I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85411 ICST-ICS85411 Datasheet
189Kb / 13P
Low Skew, 1-TO-2 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
REV. B JUNE 16, 2004
logo
Integrated Device Techn...
ICS8344-01 IDT-ICS8344-01 Datasheet
280Kb / 17P
LOW SKEW, 1-TO-24 DIFFERENTIALTO-LVCMOS/LVTTL FANOUT BUFFER
logo
Pericom Semiconductor C...
PI6C485311 PERICOM-PI6C485311_06 Datasheet
370Kb / 6P
3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
logo
Integrated Device Techn...
ICS854S015I-01 IDT-ICS854S015I-01 Datasheet
940Kb / 27P
Low Skew, 1-to-5, Differential-to-LVDS/LVPECL Fanout Buffer
ICS854S204I IDT-ICS854S204I_11 Datasheet
1Mb / 23P
Low Skew, Dual, Programmable 1-to-2 Differential-to-LVDS, LVPECL Fanout Buffer
logo
Renesas Technology Corp
83948I-147 RENESAS-83948I-147 Datasheet
557Kb / 18P
Low Skew, 1-to-1 Differentialto- LVCMOS/ LVTTL Fanout Buffer
March 30, 2016
85411 RENESAS-85411 Datasheet
386Kb / 16P
Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
85411I RENESAS-85411I Datasheet
386Kb / 16P
Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
ICS854S015I-01 RENESAS-ICS854S015I-01 Datasheet
1Mb / 28P
Low Skew, 1-to-5, Differential-to-LVDS/LVPECL Fanout Buffer
OCTOBER 4, 2011
ICS854S204I RENESAS-ICS854S204I Datasheet
1Mb / 23P
Low Skew, Dual, Programmable 1-to-2 Differential-to-LVDS, LVPECL Fanout Buffer
2011
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com