Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8512061I Datasheet (PDF) - Integrated Device Technology

ICS8512061I Datasheet PDF - Integrated Device Technology
Part # ICS8512061I
Download  ICS8512061I Download
File Size   879.19 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description SINGLE CHANNEL 0.7V DIFFERENTIALTO-LVTTL TRANSCEIVER

ICS8512061I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8512061I Datasheet PDF - Integrated Device Technology

Part # ICS8512061I
Download  ICS8512061I Click to download

File Size   879.19 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description SINGLE CHANNEL 0.7V DIFFERENTIALTO-LVTTL TRANSCEIVER

ICS8512061I Datasheet (HTML) - Integrated Device Technology


ICS8512061I Product details

General Description
The ICS8512061I is a transceiver which can interchange data across multipoint data bus structures.
The device has an LVTTL driver and one HCSL receiver driver. It translates between LVTTL signals and HCSL signals.

Features
• One HCSL output pair and one LVCMOS/LVTTL output
• One single-ended LVCMOS/LVTTL signal input
• LVTTL I/O signal: up to 250MHz
• HCSL interface pins in high impedance state when the device is powered down
• Power-up and power-down glitch-free
• Additive Phase Jitter, RMS: 0.23ps (typical)
• Full 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package

Applications
    Backplane Transmission
    Telecommunication System
    Data Communications
    ATCA Clock Distribution




Similar Part No. - ICS8512061I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS851010I IDT-ICS851010I Datasheet
756Kb / 17P
1-to-10, Differential HCSL Fanout Buffer
logo
Renesas Technology Corp
ICS851010I RENESAS-ICS851010I Datasheet
1Mb / 18P
1-to-10, Differential HCSL Fanout Buffer
AUGUST 2, 2010
logo
Integrated Device Techn...
ICS85105I IDT-ICS85105I Datasheet
314Kb / 16P
LOW SKEW, 1-TO-5, DIFFERENTIAL/LVCMOS-TO-0.7V HCSL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS8516 ICST-ICS8516 Datasheet
345Kb / 15P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. B FEBRUARY 21, 2006
logo
Integrated Device Techn...
ICS8516 IDT-ICS8516 Datasheet
239Kb / 16P
Low Skew, 1-to-16 Differential-to-LVDS Clock Distribution Chip
More results


Similar Description - ICS8512061I

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GTLP2T152 FAIRCHILD-GTLP2T152 Datasheet
114Kb / 7P
2-Bit LVTTL/GTLP Transceiver
GTLP8T306 FAIRCHILD-GTLP8T306 Datasheet
58Kb / 7P
8-Bit LVTTL/GTLP Bus Transceiver
logo
NXP Semiconductors
GTL2012 NXP-GTL2012 Datasheet
98Kb / 14P
2-bit LVTTL to GTL transceiver
Rev. 01-9 August 2007
GTL2018 NXP-GTL2018 Datasheet
94Kb / 14P
8-bit LVTTL to GTL transceiver
Rev. 01-15 February 2007
logo
Integrated Device Techn...
ICS8344-01 IDT-ICS8344-01 Datasheet
280Kb / 17P
LOW SKEW, 1-TO-24 DIFFERENTIALTO-LVCMOS/LVTTL FANOUT BUFFER
logo
Texas Instruments
SN74GTL2014 TI1-SN74GTL2014 Datasheet
891Kb / 20P
4-Channel LVTTL to GTL Transceiver
logo
Integrated Device Techn...
IDT5V5206 IDT-IDT5V5206 Datasheet
349Kb / 18P
Single Channel Type-2 M-LVDS to LVTTL Transceiver
logo
ON Semiconductor
FXGL2014 ONSEMI-FXGL2014 Datasheet
1Mb / 14P
4-Channel LVTTL to GTL Transceiver
September 2018 Rev. 2
logo
Renesas Technology Corp
83948I-147 RENESAS-83948I-147 Datasheet
557Kb / 18P
Low Skew, 1-to-1 Differentialto- LVCMOS/ LVTTL Fanout Buffer
March 30, 2016
IDT5V5206 RENESAS-IDT5V5206 Datasheet
543Kb / 19P
Single Channel Type-2 M-LVDS to LVTTL Transceiver
May 18, 2006
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com