Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS810001-22 Datasheet (PDF) - Integrated Device Technology

ICS810001-22 Datasheet PDF - Integrated Device Technology
Part # ICS810001-22
Download  ICS810001-22 Download
File Size   813.78 Kbytes
Page   18 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FemtoClock??Dual VCXO Video PLL

ICS810001-22 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS810001-22 Datasheet PDF - Integrated Device Technology

Part # ICS810001-22
Download  ICS810001-22 Click to download

File Size   813.78 Kbytes
Page   18 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FemtoClock??Dual VCXO Video PLL

ICS810001-22 Datasheet (HTML) - Integrated Device Technology


ICS810001-22 Product details

General Description
The ICS810001-22 is a member of the HiperClockS™ family of high performance clock solutions from IDT. The ICS810001-22 is a PLL based synchronous clock generator that is optimized for digital video clock jitter attenuation and frequency translation. The device contains two internal frequency multiplication stages that are cascaded in series. The first stage is a VCXO PLL that is optimized to provide reference clock jitter attenuation, and to support the complex PLL multiplication ratios needed for video rate conversion.

Features
• Jitter attenuation and frequency translation of video clock signals
• Supports SMTPE 292M, ITU-R Rec. 601/656 and MPEG-transport clocks
• Support of High-Definition (HD) and Standard-Definition (SD) pixel rates
• Dual VCXO-PLL supports both 60 and 59.94Hz base frame rates in one device
• Dual PLL mode for high-frequency clock generation (32.967MHz to 162MHz)
• VCXO-PLL mode for low-frequency clock generation (27MHz and 26.973MHz)
• One LVCMOS/LVTTL PLL clock output
• Two selectable LVCMOS/LVTTL input clocks
• LVCMOS/LVTTL compatible control signals
• RMS phase jitter @148.5MHz, using a 27MHz crystal (12kHz – 20MHz): 1.01ps (typical)
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Available in a lead-free (RoHS 6) 32-VFQFN package




Similar Part No. - ICS810001-22

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS810001-21 ICST-ICS810001-21 Datasheet
243Kb / 21P
FEMTOCLOCKS-TM DUAL VCXO VIDEO PLL
REV. A AUGUST 12, 2005
logo
Integrated Device Techn...
ICS810001-21 IDT-ICS810001-21 Datasheet
798Kb / 19P
FemtoClock Dual VCXO Video PLL One LVCMOS/LVTTL clock output
More results


Similar Description - ICS810001-22

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS810001-21 ICST-ICS810001-21 Datasheet
243Kb / 21P
FEMTOCLOCKS-TM DUAL VCXO VIDEO PLL
REV. A AUGUST 12, 2005
ICS813001I ICST-ICS813001I Datasheet
237Kb / 18P
DUAL VCXO W/3.3V, 2.5V LVPECL FEMTOCLOCK-TM PLL
REV. A SEPTEMBER 2, 2005
logo
Integrated Device Techn...
ICS810001-21 IDT-ICS810001-21 Datasheet
798Kb / 19P
FemtoClock Dual VCXO Video PLL One LVCMOS/LVTTL clock output
810001-22 IDT-810001-22_17 Datasheet
182Kb / 19P
FemtoClock??Dual VCXO Video PLL
810001-21 IDT-810001-21 Datasheet
241Kb / 19P
FemtoClock Dual VCXO Video PLL
logo
Renesas Technology Corp
810001-21 RENESAS-810001-21 Datasheet
457Kb / 20P
FemtoClock™ Dual VCXO Video PLL
March 3, 2016
810001-22 RENESAS-810001-22 Datasheet
377Kb / 20P
FemtoClock™ Dual VCXO Video PLL
8/14/15
813001I RENESAS-813001I Datasheet
464Kb / 21P
Dual VCXO w/3.3V, 2.5V LVPECL FemtoClock™ PLL
3/17/15
ICS810001I-21 RENESAS-ICS810001I-21 Datasheet
612Kb / 21P
FemtoClock® Dual VCXO Video PLL
MARCH 21, 2013
813321-04 RENESAS-813321-04 Datasheet
426Kb / 20P
VCXO W/3.3V, 2.5V LVPECL FemtoClock™ PLL
2019
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com