Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS810001I-21 Datasheet (PDF) - Renesas Technology Corp

ICS810001I-21 Datasheet PDF - Renesas Technology Corp
Part # ICS810001I-21
Download  ICS810001I-21 Download
File Size   612.87 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Dual VCXO Video PLL

ICS810001I-21 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS810001I-21 Datasheet PDF - Renesas Technology Corp

Part # ICS810001I-21
Download  ICS810001I-21 Click to download

File Size   612.87 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Dual VCXO Video PLL

ICS810001I-21 Datasheet (HTML) - Renesas Technology Corp


ICS810001I-21 Product details

General Description
The ICS810001I-21 is a PLL based synchronous clock generator
that is optimized for digital video clock jitter attenuation and
frequency translation. The device contains two internal frequency
multiplication stages that are cascaded in series. The first stage is a
VCXO PLL that is optimized to provide reference clock jitter
attenuation, and to support the complex PLL multiplication ratios
needed for video rate conversion. The second stage is a
FemtoClock® frequency multiplier that provides the low jitter, high
frequency video output clock.
Preset multiplication ratios are selected from internal lookup tables
using device input selection pins. The multiplication ratios are
optimized to support most common video rates used in professional
video system applications. The VCXO requires the use of an
external, inexpensive pullable crystal. Two crystal connections are
provided (pin selectable) so that both 60 and 59.94 base frame rates
can be supported. The VCXO requires external passive loop filter
components which are used to set the PLL loop bandwidth and
damping characteristics.
Features
• Jitter attenuation and frequency translation of video clock signals
• Supports SMPTE 292M, ITU-R Rec. 601/656 and
MPEG-transport clocks
• Support of High-Definition (HD) and Standard-Definition (SD)
pixel rates
• Dual VCXO-PLL supports both 60 and 59.94Hz base frame rates
in one device
• Supports both 1000/1001 and 1001/1000 rate conversions
• Dual PLL mode for high-frequency clock generation
(36MHz to 148.5MHz)
• VCXO-PLL mode for low-frequency clock generation (27MHz and
26.973MHz)
• One LVCMOS/LVTTL clock output
• Two selectable LVCMOS/LVTTL clock inputs
• LVCMOS/LVTTL compatible control signals
• RMS phase jitter @148.3516MHz, (12kHz - 20MHz):
1.089ps (typical)
• 3.3V supply voltage
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHS 6) packaging




Similar Part No. - ICS810001I-21

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS810001-21 ICST-ICS810001-21 Datasheet
243Kb / 21P
FEMTOCLOCKS-TM DUAL VCXO VIDEO PLL
REV. A AUGUST 12, 2005
logo
Integrated Device Techn...
ICS810001-21 IDT-ICS810001-21 Datasheet
798Kb / 19P
FemtoClock Dual VCXO Video PLL One LVCMOS/LVTTL clock output
ICS810001-22 IDT-ICS810001-22 Datasheet
813Kb / 18P
FemtoClock??Dual VCXO Video PLL
logo
Integrated Circuit Syst...
ICS810001BK-21 ICST-ICS810001BK-21 Datasheet
243Kb / 21P
FEMTOCLOCKS-TM DUAL VCXO VIDEO PLL
REV. A AUGUST 12, 2005
ICS810001BK-21T ICST-ICS810001BK-21T Datasheet
243Kb / 21P
FEMTOCLOCKS-TM DUAL VCXO VIDEO PLL
REV. A AUGUST 12, 2005
More results


Similar Description - ICS810001I-21

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS810001-21 ICST-ICS810001-21 Datasheet
243Kb / 21P
FEMTOCLOCKS-TM DUAL VCXO VIDEO PLL
REV. A AUGUST 12, 2005
ICS813001I ICST-ICS813001I Datasheet
237Kb / 18P
DUAL VCXO W/3.3V, 2.5V LVPECL FEMTOCLOCK-TM PLL
REV. A SEPTEMBER 2, 2005
logo
Integrated Device Techn...
ICS810001-22 IDT-ICS810001-22 Datasheet
813Kb / 18P
FemtoClock??Dual VCXO Video PLL
ICS810001-21 IDT-ICS810001-21 Datasheet
798Kb / 19P
FemtoClock Dual VCXO Video PLL One LVCMOS/LVTTL clock output
810001-22 IDT-810001-22_17 Datasheet
182Kb / 19P
FemtoClock??Dual VCXO Video PLL
810001-21 IDT-810001-21 Datasheet
241Kb / 19P
FemtoClock Dual VCXO Video PLL
logo
Renesas Technology Corp
810001-21 RENESAS-810001-21 Datasheet
457Kb / 20P
FemtoClock™ Dual VCXO Video PLL
March 3, 2016
810001-22 RENESAS-810001-22 Datasheet
377Kb / 20P
FemtoClock™ Dual VCXO Video PLL
8/14/15
810252DI-02 RENESAS-810252DI-02 Datasheet
344Kb / 21P
VCXO Jitter Attenuator & FemtoClock® Multiplier
11/18/14
813001I RENESAS-813001I Datasheet
464Kb / 21P
Dual VCXO w/3.3V, 2.5V LVPECL FemtoClock™ PLL
3/17/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com