Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88RF04C Datasheet (PDF) - ATMEL Corporation

AT88RF04C Datasheet PDF - ATMEL Corporation
Part # AT88RF04C
Download  AT88RF04C Download
File Size   271.11 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 13.56 MHz CryptoRF EEPROM Memory 4 Kbits

AT88RF04C Datasheet (PDF)

Go To PDF Page Download Datasheet
AT88RF04C Datasheet PDF - ATMEL Corporation

Part # AT88RF04C
Download  AT88RF04C Click to download

File Size   271.11 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 13.56 MHz CryptoRF EEPROM Memory 4 Kbits

AT88RF04C Datasheet (HTML) - ATMEL Corporation


AT88RF04C Product details

Description
The CryptoRF® family integrates a 13.56 MHz RF interface with CryptoMemory® security features. This product line is ideal for RF tags and contactless smart cards that can benefit from advanced security and cryptographic features. The device is optimized as a contactless secure memory for secure data storage without the requirement of an internal microprocessor.

Features
• A Family of Devices with User Memories of 4 Kbits to 64 Kbits
• Contactless 13.56 MHz RF Communications Interface
   – ISO/IEC 14443-2:2001 Type B Compliant
   – ISO/IEC 14443-3:2001 Type B Compliant Anticollision Protocol
   – Tolerant of Type A Signaling for Multi-Protocol Applications
• Integrated 82 pF Tuning Capacitor
• User EEPROM Memory Configurations:
   – 64 Kbits Configured as Sixteen 512 byte (4 Kbit) User Zones [AT88SC6416CRF]
   – 32 Kbits Configured as Sixteen 256 byte (2 Kbit) User Zones [AT88SC3216CRF]
   – 16 Kbits Configured as Sixteen 128 byte (1 Kbit) User Zones [AT88SC1616CRF]
   – 8 Kbits Configured as Eight 128 byte (1 Kbit) User Zones [AT88SC0808CRF]
   – 4 Kbits Configured as Four 128 byte (1 Kbit) User Zones [AT88RF04C]
   – Byte, Page, and Partial Page Write Modes
   – Self Timed Write Cycle
• 256 byte (2 Kbit) Configuration Memory
   – User Programmable Application Family Identifier (AFI)
   – User-defined Anticollision Polling Response
   – User-defined Keys and Passwords
   – Read-Only Unique Die Serial Number
• High Security Features
   – Selectable Access Rights by Zone
   – 64-bit Mutual Authentication Protocol (under license of ELVA)
   – Encrypted Checksum
   – Stream Encryption using 64-bit Key
   – Four Key Sets for Authentication and Encryption
   – Four or Eight 24-bit Password Sets
   – Password and Authentication Attempts Counters
   – Anti-tearing Function
   – Tamper Sensors
• High Reliability
   – Endurance : 100,000 Write Cycles
   – Data Retention : 10 Years




Similar Part No. - AT88RF04C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88RF04C ATMEL-AT88RF04C Datasheet
896Kb / 158P
CryptoRF Specification
AT88RF04C-MR1G ATMEL-AT88RF04C-MR1G Datasheet
896Kb / 158P
CryptoRF Specification
AT88RF04C-MX1G ATMEL-AT88RF04C-MX1G Datasheet
896Kb / 158P
CryptoRF Specification
AT88RF04C-MY1G ATMEL-AT88RF04C-MY1G Datasheet
896Kb / 158P
CryptoRF Specification
AT88RF04C-WA1 ATMEL-AT88RF04C-WA1 Datasheet
896Kb / 158P
CryptoRF Specification
More results


Similar Description - AT88RF04C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC6416CRF ATMEL-AT88SC6416CRF Datasheet
138Kb / 9P
CryptoRF EEPROM Memory 64 Kbits
AT88SC0808CRF ATMEL-AT88SC0808CRF Datasheet
102Kb / 9P
CryptoRF EEPROM Memory 8 Kbits
AT88SC0104CRF ATMEL-AT88SC0104CRF Datasheet
102Kb / 9P
CryptoRF EEPROM Memory 1 Kbits
AT88SC0404CRF ATMEL-AT88SC0404CRF Datasheet
248Kb / 9P
13.56 MHz CryptoRF EEPROM Memory 4 Kbits
AT88SC0204CRF ATMEL-AT88SC0204CRF Datasheet
304Kb / 9P
13.56 MHz CryptoRF EEPROM Memory 2 Kbits
AT88SC3216CRF ATMEL-AT88SC3216CRF Datasheet
303Kb / 9P
13.56 MHz CryptoRF EEPROM Memory 32 Kbits
AT88SC0808CRF ATMEL-AT88SC0808CRF_06 Datasheet
305Kb / 9P
CryptoRF EEPROM Memory 8 Kbits
AT88SC6416CRF ATMEL-AT88SC6416CRF_06 Datasheet
304Kb / 9P
13.56 MHz CryptoRF EEPROM Memory 64 Kbits
AT88SC0104CRF ATMEL-AT88SC0104CRF_06 Datasheet
305Kb / 9P
13.56 MHz CryptoRF EEPROM Memory 1 Kbits
AT88SC1616CRF ATMEL-AT88SC1616CRF Datasheet
303Kb / 9P
13.56 MHz CryptoRF EEPROM Memory 16 Kbits
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com