Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88RF04C Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT88RF04C
Description  13.56 MHz CryptoRF EEPROM Memory 4 Kbits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88RF04C Datasheet(HTML) 2 Page - ATMEL Corporation

  AT88RF04C Datasheet HTML 1Page - ATMEL Corporation AT88RF04C Datasheet HTML 2Page - ATMEL Corporation AT88RF04C Datasheet HTML 3Page - ATMEL Corporation AT88RF04C Datasheet HTML 4Page - ATMEL Corporation AT88RF04C Datasheet HTML 5Page - ATMEL Corporation AT88RF04C Datasheet HTML 6Page - ATMEL Corporation AT88RF04C Datasheet HTML 7Page - ATMEL Corporation AT88RF04C Datasheet HTML 8Page - ATMEL Corporation AT88RF04C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
AT88RF04C
8672AS–CRRF–04/09
The AT88RF04C contains 4 Kbits of user memory and 2 Kbits of configuration memory. The 2 Kbits of configuration memory
contain four sets of read/write passwords, four crypto key sets, security access registers for each user zone, and password/key
registers for each zone.
The CryptoRF command set is optimized for a multi-card RF communications environment. A programmable AFI register allows
this IC to be used in numerous applications in the same geographic area with seamless discrimination of cards assigned to a
particular application during the anticollision process.
Figure 1.
Block Diagram
EEPROM
Command
and
Response
Data Transfer
Authentication
Encryption
and
Certification
Unit
Frame
Formatting
and
Error
Detection
Interface
Password
Verification
Anticollision
Random Number
Generator
RF Interface
AC1
AC2
Over
Voltage
Clamp
Regulator
VDD
VSS
Clock
Extraction
Data
Extraction
C
1.
Communications
All personalization and communication with this device is performed through the RF interface. The IC includes an
integrated tuning capacitor, enabling it to operate with only the addition of a single external coil antenna.
The RF communications interface is fully compliant with the electrical signaling and RF power specifications in ISO/IEC
14443-2:2001 for Type B only. Anticollision operation and frame formatting are compliant with ISO/IEC 14443-3:2001
for Type B only.
ISO/IEC 14443 nomenclature is used in this specification where applicable. The following abbreviations are utilized
throughout this document. Additional terms are defined in the section in which they are used.
• PCD – Proximity Coupling Device: the reader/writer and antenna
• PICC – Proximity Integrated Circuit Card: the tag/card containing the IC and antenna
• RFU – Reserved for Future Use: any feature, memory location, or bit that is held as reserved for future use
• $ xx – Hexadecimal Number: denotes a hex number “xx” (Most Significant Bit on left)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com