Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX844 Datasheet (PDF) - IXYS Corporation

MX844 Datasheet PDF - IXYS Corporation
Part # MX844
Download  MX844 Download
File Size   452.02 Kbytes
Page   21 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description 12 BIT, MULTI-CHANNEL POWER & TEMP SENSOR FOR MONITOR & CONTROL SYSTEMS

MX844 Datasheet (PDF)

Go To PDF Page Download Datasheet
MX844 Datasheet PDF - IXYS Corporation

Part # MX844
Download  MX844 Click to download

File Size   452.02 Kbytes
Page   21 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description 12 BIT, MULTI-CHANNEL POWER & TEMP SENSOR FOR MONITOR & CONTROL SYSTEMS

MX844 Datasheet (HTML) - IXYS Corporation


MX844 Product details

Description:
The MX844 is a fully integrated subsystem that measures temperature plus differential current and voltage. An internal temperature sensor measures ambient temperature with 2.5°C accuracy. Current and voltage measurements are made differentially through a four input multiplexer connected to a programmable gain fully differential sense amplifier.

Features:
• Wide Input Supply Range: 4.5V to 40V
• Programmable gain differential amplifier (±10mV, ±25mV, ±50mV, ±250mV ranges)
• 4 channel differential input multiplexer (3 input channels plus ground)
• Integrated 12-bit ADC
• Serial data output (SDO) with data ready pin
• Fine calibration of Full Scale Range (FSR) using VTRIM pin
• Bi-directional Current Sense
• Internal temperature sensor with 0.2°C resolution
• Compatible with 3.3V and 5V Microcontrollers
• Operating Temperature Range: -40°C to 85°C
• 5mm x 5mm, QFN-28 RoHS Package




Similar Part No. - MX844

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
White LED Step-Up Converter
logo
Japan Aviation Electron...
MX84B007PF1 JAE-MX84B007PF1 Datasheet
157Kb / 3P
PHEV/EV Connector Using Low Flammability Material
MX84B007SF1 JAE-MX84B007SF1 Datasheet
180Kb / 3P
PHEV/EV Connector Using Low Flammability Material
MX84B012NF1 JAE-MX84B012NF1 Datasheet
147Kb / 3P
PHEV/EV Connector Using Low Flammability Material
MX84B012PF1 JAE-MX84B012PF1 Datasheet
165Kb / 3P
PHEV/EV Connector Using Low Flammability Material
More results


Similar Description - MX844

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7294 AD-AD7294 Datasheet
682Kb / 45P
12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
Oct-2005
logo
Texas Instruments
AMC7891 TI1-AMC7891 Datasheet
934Kb / 41P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
logo
Vishay Siliconix
TSOP98260 VISHAY-TSOP98260 Datasheet
105Kb / 5P
IR Sensor Module for Remote Control Systems
28-Mar-12
logo
Texas Instruments
AMC7891 TI1-AMC7891_14 Datasheet
1Mb / 42P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7832 TI1-AMC7832 Datasheet
6Mb / 70P
AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7832 TI-AMC7832_15 Datasheet
6Mb / 72P
AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7891 TI-AMC7891_15 Datasheet
1Mb / 41P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
logo
Analog Devices
AD7294 AD-AD7294_17 Datasheet
1Mb / 48P
12-Bit Monitor and Control System with Multichannel
29-Nov-2017
AD7294-2 AD-AD7294-2 Datasheet
1,006Kb / 45P
12-Bit Monitor and Control System
23-Feb-2017
logo
Vishay Siliconix
TSMP96000 VISHAY-TSMP96000_V01 Datasheet
351Kb / 11P
IR Sensor Module for Remote Control Systems
20-Oct-2022
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com