Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT68166HT-YM25SV Datasheet (PDF) - ATMEL Corporation

AT68166HT-YM25SV Datasheet PDF - ATMEL Corporation
Part # AT68166HT-YM25SV
Download  AT68166HT-YM25SV Download
File Size   345.95 Kbytes
Page   15 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module

AT68166HT-YM25SV Datasheet (PDF)

Go To PDF Page Download Datasheet
AT68166HT-YM25SV Datasheet PDF - ATMEL Corporation

Part # AT68166HT-YM25SV
Download  AT68166HT-YM25SV Click to download

File Size   345.95 Kbytes
Page   15 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module

AT68166HT-YM25SV Datasheet (HTML) - ATMEL Corporation




Similar Part No. - AT68166HT-YM25SV

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT68166H ATMEL-AT68166H Datasheet
343Kb / 15P
Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166H-YM20-E ATMEL-AT68166H-YM20-E Datasheet
343Kb / 15P
Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166H-YM20-SCC ATMEL-AT68166H-YM20-SCC Datasheet
343Kb / 15P
Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166H-YM20MQ ATMEL-AT68166H-YM20MQ Datasheet
343Kb / 15P
Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT68166H-YM20SR ATMEL-AT68166H-YM20SR Datasheet
343Kb / 15P
Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
More results


Similar Description - AT68166HT-YM25SV

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
logo
ATMEL Corporation
M65608E ATMEL-M65608E Datasheet
340Kb / 15P
Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
AT68166FT ATMEL-AT68166FT Datasheet
333Kb / 19P
Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi-Chip Module
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT68166F ATMEL-AT68166F Datasheet
316Kb / 17P
Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
AT68166FT ATMEL-AT68166FT_09 Datasheet
381Kb / 19P
Rad Hard 16 MegaBit 3.3V 5V Tolerant SRAM Multi- Chip Module
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT68166F ATMEL-AT68166F_1 Datasheet
375Kb / 18P
Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT68166H ATMEL-AT68166H Datasheet
343Kb / 15P
Rad Hard 16 MegaBit 3.3V SRAM Multi-Chip Module
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com