Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWS503 Datasheet (PDF) - Hexawave, Inc

HWS503 Datasheet PDF - Hexawave, Inc
Part # HWS503
Download  HWS503 Download
File Size   84.8 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs 0.5-6GHz DPDT Switch

HWS503 Datasheet (PDF)

Go To PDF Page Download Datasheet
HWS503 Datasheet PDF - Hexawave, Inc

Part # HWS503
Download  HWS503 Click to download

File Size   84.8 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs 0.5-6GHz DPDT Switch

HWS503 Datasheet (HTML) - Hexawave, Inc


HWS503 Product details

Description

The HWS503 is a GaAs PHEMT MMIC DPDT switch operating at 0.5-6 GHz in a miniature USON6L (1.5 x

1.5 x 0.4mm) plastic lead (Pb) free package. The HWS503 features low insertion loss and high isolation

with very low DC power consumption. This switch can be used in IEEE 802.11a/b/g WLAN systems for

combination of transmit/receive and antenna diversity functions.



Features

• Low Insertion Loss :0.6 dB @ 2.50 GHz

                            0.9 dB @ 5.85 GHz 

• Isolation: 22.0 dB @ 2.50 GHz

               17.0 dB @ 5.85 GHz

• Low DC Power Consumption

• Miniature USON6L (1.5x1.5x0.4mm) Plastic

   Lead (Pb) Free and GP Compliant Package

• PHEMT process




Similar Part No. - HWS503

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS503_V3 HW-HWS503_V3_15 Datasheet
60Kb / 2P
GaAs 0.5-6GHz DPDT Switch
More results


Similar Description - HWS503

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0040 MACOM-MASWSS0040 Datasheet
191Kb / 6P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0040 MA-COM-MASWSS0040 Datasheet
144Kb / 5P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
MASW-009460 MA-COM-MASW-009460 Datasheet
149Kb / 5P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
logo
Hexawave, Inc
HWS503_V3 HW-HWS503_V3_15 Datasheet
60Kb / 2P
GaAs 0.5-6GHz DPDT Switch
HWS500_V6 HW-HWS500_V6_15 Datasheet
65Kb / 2P
GaAs 0.5-6GHz SPDT Switch
HWS454_V4 HW-HWS454_V4_15 Datasheet
112Kb / 5P
GaAs 0.5-6GHz DPDT Switch
HWS450_V8 HW-HWS450_V8_15 Datasheet
65Kb / 2P
GaAs 0.5-6GHz DPDT Switch
HWS514_V1 HW-HWS514_V1 Datasheet
61Kb / 2P
GaAs 0.5-6 GHz DPDT Switch
HWS512_V1 HW-HWS512_V1 Datasheet
64Kb / 2P
GaAs 0.5-6 GHz DPDT Switch
HWS510_V3 HW-HWS510_V3 Datasheet
84Kb / 3P
GaAs 0.5-4 GHz DPDT Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com