Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0040 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASWSS0040 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASWSS0040
Download  MASWSS0040 Download
File Size   144.7 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs DPDT Diversity Switch 0.5 - 3.0 GHz

MASWSS0040 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASWSS0040 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASWSS0040
Download  MASWSS0040 Click to download

File Size   144.7 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs DPDT Diversity Switch 0.5 - 3.0 GHz

MASWSS0040 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASWSS0040 Product details

Description
M/A-COM’s MASWSS0040 is a GaAs pHEMT MMIC DPDT diversity switch in a low cost miniature 3 mm 12-lead PQFN package. The MASWSS0040 is ideally suited for applications where very small size and low cost are required.

Features
• Low Insertion Loss 0.7 dB at 2.4 GHz
• Low Cost 3 mm 12-Lead PQFN Package
• Ideal for WLAN IEEE 802.11b
• 0.5 micron GaAs PHEMT Process




Similar Part No. - MASWSS0040

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0040 MACOM-MASWSS0040 Datasheet
191Kb / 6P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
MASWSS0040SMB MACOM-MASWSS0040SMB Datasheet
191Kb / 6P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
MASWSS0040TR MACOM-MASWSS0040TR Datasheet
191Kb / 6P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
MASWSS0040TR-3000 MACOM-MASWSS0040TR-3000 Datasheet
191Kb / 6P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
More results


Similar Description - MASWSS0040

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0130 MACOM-MASWSS0130 Datasheet
244Kb / 4P
GaAs Broadband DPDT Diversity Switch 0.5 - 3.0 GHz
MASWSS0039 MACOM-MASWSS0039 Datasheet
143Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
MASWSS0040 MACOM-MASWSS0040 Datasheet
191Kb / 6P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
MASWSS0175 MACOM-MASWSS0175 Datasheet
192Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0175 MA-COM-MASWSS0175 Datasheet
87Kb / 4P
GaAs DPDT Diversity Switch DC - 6.0 GHz
MASWSS0039 MA-COM-MASWSS0039 Datasheet
108Kb / 4P
GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
MASWSS0130 MA-COM-MASWSS0130 Datasheet
136Kb / 4P
GaAs Broadband DPDT Diversity Switch 0.5 - 3.0 GHz
MASW-009460 MA-COM-MASW-009460 Datasheet
149Kb / 5P
GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
MASW-009460 MA-COM-MASW-009460_15 Datasheet
672Kb / 6P
GaAs DPDT Diversity Switch
MASWSS0175 MA-COM-MASWSS0175_15 Datasheet
557Kb / 5P
GaAs DPDT Diversity Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com