Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0040 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0040
Description  GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0040 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0040 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0040 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0040 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0040 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0040 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
GaAs DPDT Diversity Switch
0.5 - 3.0 GHz
Rev. V5
MASWSS0040
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Evaluation Board MASWSS0040
Control V1
Control V2
Control V3
Control V4
Port 1 -
Port 3
Port 1 -
Port 4
Port 2 -
Port 4
Port 2 -
Port 3
1
0
0
0
On
Off
Off
Off
0
1
0
0
Off
On
Off
Off
0
0
1
0
Off
Off
On
Off
0
0
0
1
Off
Off
Off
On
1
0
1
0
On
Off
On
Off
0
1
0
1
Off
On
Off
On
Truth Table
8,9
8. External DC blocking capacitors are required on all RF ports.
9. 0 = 0 V ± 0.2 V, 1 = +2.3 V to 5.0 V
Part
Description
C1 – C4
27 pF Decoupling Capacitor
C5 – C8
27 pF DC Blocking Capacitor
RF1 – RF4
RF connector
Item 3
10-pin solder connector
Circuit Block Diagram
Parts List



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com