Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA8063F Datasheet (PDF) - Toshiba Semiconductor

TA8063F Datasheet PDF - Toshiba Semiconductor
Part # TA8063F
Download  TA8063F Download
File Size   361.41 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 4CH HIGH SIDE DRIVER

TA8063F Datasheet (PDF)

Go To PDF Page Download Datasheet
TA8063F Datasheet PDF - Toshiba Semiconductor

Part # TA8063F
Download  TA8063F Click to download

File Size   361.41 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 4CH HIGH SIDE DRIVER

TA8063F Datasheet (HTML) - Toshiba Semiconductor


TA8063F Product details

4CH HIGH SIDE DRIVER

TA8063F is built into for 0.5A High-side driver ICs which drive lamp, relay, and solenoid actuators. Inputs from DI1, DI2, DI3, and DI4 switch ON and OFF modes. Inputs are TTL-compatible, thus the device can also be directly controlled from a CPU or other control system. The device is equipped with low-standby (with all outputs off), self-diagnosis, and protection functions.

FEATURES
● 0.5A high-side driver.
● Four built-in circuits (power supply, self-diagnosis, and protection functions for each circuit)
● Low standby current 0.1mA (Max.)
● Self-diagnosis output
    Short : 1A (Typ.)
    DG 1 : OR output of OUT1 & OUT2
    DG 2 : OR output of OUT3 & OUT4
● Recommended operating supply voltage range: VCC = 8 V to 16 V
● Multiple protection functions Short, thermal, and overvoltage protection functions
● Built-in diodes for absorbing counter electromotive force
● HSOP-20 pin power flat package




Similar Part No. - TA8063F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8061 TOSHIBA-TA8061 Datasheet
166Kb / 5P
DUAL HIGH SIDE DRIVER WITH DIAGNOSIS
TA8061H TOSHIBA-TA8061H Datasheet
166Kb / 5P
DUAL HIGH SIDE DRIVER WITH DIAGNOSIS
TA8062AS TOSHIBA-TA8062AS Datasheet
168Kb / 6P
DUAL HIGHSIDE DRIVER
TA8062S TOSHIBA-TA8062S Datasheet
167Kb / 6P
DUAL HIGHSIDE DRIVER
TA8066AS TOSHIBA-TA8066AS Datasheet
165Kb / 5P
DUAL LOWSIDE DRIVER
More results


Similar Description - TA8063F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8069F TOSHIBA-TA8069F Datasheet
328Kb / 9P
4CH LOW SIDE DRIVER
TD62064BP-1 TOSHIBA-TD62064BP-1 Datasheet
300Kb / 8P
4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62107P TOSHIBA-TD62107P Datasheet
290Kb / 9P
4CH HIGH-CURRENT DARILGTON SINK DRIVER
TD62164AP TOSHIBA-TD62164AP Datasheet
282Kb / 7P
4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62164BP TOSHIBA-TD62164BP Datasheet
287Kb / 8P
4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064APG TOSHIBA-TD62064APG Datasheet
246Kb / 11P
4ch High-Current Darlington Sink Driver
TD62064BP1G TOSHIBA-TD62064BP1G Datasheet
237Kb / 11P
4ch High-Current Darlington Sink Driver
logo
Sanyo Semicon Device
LV5215LF SANYO-LV5215LF_10 Datasheet
100Kb / 5P
4ch LED Driver
logo
Rohm
BD4LB650EFV-C ROHM-BD4LB650EFV-C Datasheet
1Mb / 50P
4ch Low Side Switch
16.Sep.2022 Rev.001
BD4LD650EFV-C ROHM-BD4LD650EFV-C Datasheet
1Mb / 51P
4ch Low Side Switch
16.Sep.2022 Rev.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com