Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA8061H Datasheet (PDF) - Toshiba Semiconductor

TA8061H Datasheet PDF - Toshiba Semiconductor
Part # TA8061H
Download  TA8061H Download
File Size   166.96 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DUAL HIGH SIDE DRIVER WITH DIAGNOSIS

TA8061H Datasheet (PDF)

Go To PDF Page Download Datasheet
TA8061H Datasheet PDF - Toshiba Semiconductor

Part # TA8061H
Download  TA8061H Click to download

File Size   166.96 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DUAL HIGH SIDE DRIVER WITH DIAGNOSIS

TA8061H Datasheet (HTML) - Toshiba Semiconductor


TA8061H Product details

DUAL HIGHSIDE DRIVER WITH DIAGNOSIS

The TA8061H is a 1.5A highside driver containing two circuits.
Each circuit has a self-diagnostic function which produces a diagnostic output. The input is TTL-compatible.
This IC has other various protective functions.

FEATURES
● Output current capacity : 1.5A
● Diagnostic function : Load-open (10mA or less) and
   over-current (3A or more) detection
● Protective function : Short-circuit protection (latch) and
   thermal-shutdown / over-voltage
   protection (nonlatch)
● Low standby current : 0.5mA (max.)
● Two circuits contained
● Power package HZIP-12pin




Similar Part No. - TA8061H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8062AS TOSHIBA-TA8062AS Datasheet
168Kb / 6P
DUAL HIGHSIDE DRIVER
TA8062S TOSHIBA-TA8062S Datasheet
167Kb / 6P
DUAL HIGHSIDE DRIVER
TA8063F TOSHIBA-TA8063F Datasheet
361Kb / 9P
4CH HIGH SIDE DRIVER
TA8066AS TOSHIBA-TA8066AS Datasheet
165Kb / 5P
DUAL LOWSIDE DRIVER
TA8068F TOSHIBA-TA8068F Datasheet
178Kb / 8P
Intelligent Stepping Motor Driver
More results


Similar Description - TA8061H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8053H TOSHIBA-TA8053H Datasheet
359Kb / 9P
3A DC MOTOR DRIVER WITH DIAGNOSIS
TA8081P TOSHIBA-TA8081P Datasheet
210Kb / 6P
0.7A MOTOR DRIVER WITH DIAGNOSIS
logo
Motorola, Inc
XC33487 MOTOROLA-XC33487 Datasheet
134Kb / 5P
Automotive Dual High Side Driver
logo
Freescale Semiconductor...
33285 FREESCALE-33285_07 Datasheet
317Kb / 13P
Dual High-Side TMOS Driver
MC33286 FREESCALE-MC33286 Datasheet
318Kb / 8P
Automotive Dual High Side Driver
logo
International Rectifier
IRS21858SPBF IRF-IRS21858SPBF Datasheet
238Kb / 19P
High(Dual Mode) Side Driver
IRS21853SPBF IRF-IRS21853SPBF_15 Datasheet
191Kb / 17P
DUAL HIGH SIDE DRIVER IC
IRS21858SPBF IRF-IRS21858SPBF_15 Datasheet
238Kb / 19P
High(Dual Mode) Side Driver
logo
Rohm
BV1HJ045EFJ-C ROHM-BV1HJ045EFJ-C Datasheet
1Mb / 34P
Built-in Output Diagnosis 1ch High Side Switch
19.Oct.2020 Rev.003
BV1HL045EFJ-C ROHM-BV1HL045EFJ-C Datasheet
1Mb / 34P
Built-in Output Diagnosis 1ch High Side Switch
19.Oct.2020 Rev.003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com