Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-11L10 Datasheet (PDF) - Seiko Instruments Inc

S-11L10 Datasheet PDF - Seiko Instruments Inc
Part # S-11L10
Download  S-11L10 Download
File Size   584.07 Kbytes
Page   35 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description SUPER-LOW OUTPUT LOW DROPOUT CMOS VOLTAGE REGULATOR

S-11L10 Datasheet (PDF)

Go To PDF Page Download Datasheet
S-11L10 Datasheet PDF - Seiko Instruments Inc

Part # S-11L10
Download  S-11L10 Click to download

File Size   584.07 Kbytes
Page   35 Pages
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Description SUPER-LOW OUTPUT LOW DROPOUT CMOS VOLTAGE REGULATOR

S-11L10 Datasheet (HTML) - Seiko Instruments Inc


S-11L10 Product details

SUPER-LOW OUTPUT LOW DROPOUT CMOS VOLTAGE REGULATOR

S-11L10 Series, developed using the CMOS technology, is a positive voltage regulator IC which has the low output voltage, the high-accuracy output  voltage and the low current consumption (150 mAoutput current). A 1.0 µF small ceramic capacitor can be used. It operates with low current consumption of 9 µA typ.

„Features
• Low output voltage:  0.8 V to 3.3 V, selectable in 0.05 V step.
• Low input voltage:  1.2 V to 3.65 V
• Low equivalent series resistance capacitor :  Ceramic capacitor of 1.0 µF or more can be used as the I/O capacitor.
• High-accuracy output voltage:  ±1.0% (0.8 V to 1.45 V output product : ±15 mV)
• Low dropout voltage:  210 mV typ. (products having the output of 1.5 V, IOUT = 100 mA)
• Low current consumption: During operation: 9.0 µA typ., 16 µA max.
                                            During power-off:   0.1 µA typ., 0.9 µA max.
• Output current:  Possible to output 150 mA (at VIN ≥VOUT(S) +1.0 V)
• Ripple rejection:  60 dB typ. (at 1.0 kHz, VOUT= 1.25 V)
• Built-in overcurrent protection circuit:  limits overcurrent of output transistor
• Built-in power-off circuit:  Ensures long battery life.
• Discharge shunt function
• Selectable constant current source pull-down
• Small package:  SOT-23-5, SNT-6A(H)
• Lead-free product 




Similar Part No. - S-11L10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-1110A ETC2-S-1110A Datasheet
320Kb / 7P
ROTARY CODED SWITCHES
S-1110AW ETC2-S-1110AW Datasheet
320Kb / 7P
ROTARY CODED SWITCHES
logo
Seiko Instruments Inc
S-1111 SII-S-1111 Datasheet
290Kb / 25P
HIGH RIPPLE-REJECTION LOW DROPOUT
logo
List of Unclassifed Man...
S-1111A ETC2-S-1111A Datasheet
191Kb / 7P
ROTARY CODED SWITCHES
S-1111A ETC2-S-1111A Datasheet
320Kb / 7P
ROTARY CODED SWITCHES
More results


Similar Description - S-11L10

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S818 SII-S818 Datasheet
366Kb / 23P
LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
CMOS Low Dropout Voltage Regulator
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
LOW DROPOUT CMOS VOLTAGE REGULATOR
S11L10 SII-S11L10 Datasheet
762Kb / 35P
SUPER-LOW OUTPUT VOLTAGE LOW DROPOUT
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
Seiko Instruments Inc
S1313 SII-S1313 Datasheet
3Mb / 56P
SUPER LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
New Japan Radio
NJM2841 NJRC-NJM2841 Datasheet
161Kb / 12P
Low Output Voltage Low Dropout Regulator
Ver.2013-08-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com