Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5534 Datasheet (PDF) - Pomona Electronics

5534 Datasheet PDF - Pomona Electronics
Part # 5534
Download  5534 Download
File Size   23.45 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Static Control Ground Cord

5534 Datasheet (PDF)

Go To PDF Page Download Datasheet
5534 Datasheet PDF - Pomona Electronics

Part # 5534
Download  5534 Click to download

File Size   23.45 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Static Control Ground Cord

5534 Datasheet (HTML) - Pomona Electronics


5534 Product details

MATERIALS:
   Connector: 1st End – Standard Banana Plug
      Spring – Beryllium Copper Alloy 172, Cond. HT.
      Plug Body – Brass Alloy 360, ½ Hard.
      Finish: Nickel plated per QQ-N-290, Class 2, 200/300 microinches
      Insulation: Kraton. Color: Black
      Coiled Cord: Coiled tinsel cord, 2 bundles, 7 strands silver, vinyl jacket 2.54 (.100) O.D.
   Connector: 2nd End – 3.18 (1/8) Snap Receptacle - Brass
      Finish: Nickel plated
      Insulation: Kraton. Color; Black
   Molded-In Resistor: 1 megohom + 10%, ¼ Watt, Carbon Film




Similar Part No. - 5534

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5534 ALPHAWIRE-5534 Datasheet
410Kb / 4P
16 (19/.0117) AWG Tinned Copper
logo
Christian Bürkert GmbH ...
553432 BURKERT-553432 Datasheet
1Mb / 20P
Inline positive displacement (PD) flowmeter or Inline batch controller
18.12.2023
553433 BURKERT-553433 Datasheet
1Mb / 20P
Inline positive displacement (PD) flowmeter or Inline batch controller
18.12.2023
logo
Tyco Electronics
553454-1 MACOM-553454-1 Datasheet
286Kb / 3P
Undercarpet PRO?밅RIMPER III Hand Tool Assembly
553455-2 MACOM-553455-2 Datasheet
286Kb / 3P
Undercarpet PRO?밅RIMPER III Hand Tool Assembly
More results


Similar Description - 5534

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V124SA IDT-IDT71V124SA Datasheet
81Kb / 8P
3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power & Ground Pinout
logo
National Semiconductor ...
LM4981 NSC-LM4981 Datasheet
1Mb / 18P
Ground-Referenced, 80mW Stereo Headphone Amplifier with Digital Volume Control
logo
Cypress Semiconductor
CY7C1019CV33 CYPRESS-CY7C1019CV33_11 Datasheet
463Kb / 13P
1-Mbit (128 K 횞 8) Static RAM Center Power/Ground Pinout
logo
3M Electronics
9920 3M-9920 Datasheet
477Kb / 7P
Static Control Anti-Fatigue Mat 9900 Series
logo
Molex Electronics Ltd.
130177-0011 MOLEX11-130177-0011 Datasheet
23Kb / 1P
Aero-Motive Static Discharge Grounding Reel with two Ground Connections
130177-0013 MOLEX11-130177-0013 Datasheet
23Kb / 1P
Aero-Motive Static Discharge Grounding Reel with two Ground Connections, Weight
1301770011 MOLEX11-1301770011 Datasheet
52Kb / 1P
Aero-Motive Static Discharge Grounding Reel with two Ground Connections
1301460063 MOLEX11-1301460063 Datasheet
43Kb / 1P
Watertite Ground Fault Monitoring Connector 2 Pole/3 Wire, NEMA 5-15, 125V, Cord
logo
Littelfuse
SE-502 LITTELFUSE-SE-502 Datasheet
2Mb / 1P
Ground-Fault Ground-Continuity Detector
logo
Renesas Technology Corp
71V124SA RENESAS-71V124SA Datasheet
192Kb / 9P
3.3V CMOS Static RAM1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Jun.30.20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com