Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71V124SA Datasheet (PDF) - Renesas Technology Corp

71V124SA Datasheet PDF - Renesas Technology Corp
Part # 71V124SA
Download  71V124SA Download
File Size   192.06 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V CMOS Static RAM1 Meg (128K x 8-Bit) Center Power & Ground Pinout

71V124SA Datasheet (PDF)

Go To PDF Page Download Datasheet
71V124SA Datasheet PDF - Renesas Technology Corp

Part # 71V124SA
Download  71V124SA Click to download

File Size   192.06 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V CMOS Static RAM1 Meg (128K x 8-Bit) Center Power & Ground Pinout

71V124SA Datasheet (HTML) - Renesas Technology Corp


71V124SA Product details

Features
◆ 128K x 8 advanced high-speed CMOS static RAM
◆ JEDEC revolutionary pinout (center power/GND) for
reduced noise
◆ Equal access and cycle times
– Commercial: 10/12/15ns
– Industrial: 10/12/15ns
◆ One Chip Select plus one Output Enable pin
◆ Inputs and outputs are LVTTL-compatible
◆ Single 3.3V supply
◆ Low power consumption via chip deselect
◆ Available in a 32-pin 300- and 400-mil Plastic SOJ, and
32-pin Type II TSOP packages
◆ Industrial temperature range (–40°C to +85°C) is available
for selected speeds
◆ Green parts available, see ordering information




Similar Part No. - 71V124SA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71V12410PHGI8 IDT-71V12410PHGI8 Datasheet
68Kb / 8P
3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power and Ground Pinout
71V12410TYGI8 IDT-71V12410TYGI8 Datasheet
68Kb / 8P
3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power and Ground Pinout
71V12410YGI8 IDT-71V12410YGI8 Datasheet
68Kb / 8P
3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power and Ground Pinout
71V12412PHGI8 IDT-71V12412PHGI8 Datasheet
68Kb / 8P
3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power and Ground Pinout
71V12412TYGI8 IDT-71V12412TYGI8 Datasheet
68Kb / 8P
3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power and Ground Pinout
More results


Similar Description - 71V124SA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71024 IDT-IDT71024 Datasheet
68Kb / 8P
CMOS STATIC RAM 1 MEG (128K x 8-BIT)
IDT71V124SA IDT-IDT71V124SA Datasheet
81Kb / 8P
3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power & Ground Pinout
IDT71124 IDT-IDT71124 Datasheet
83Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
IDT71V124 IDT-IDT71V124 Datasheet
66Kb / 8P
3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
Alliance Semiconductor ...
AS7C31025B ALSC-AS7C31025B Datasheet
99Kb / 9P
3.3V 128K X 8 CMOS SRAM (Center power and ground)
AS7C31025C ALSC-AS7C31025C Datasheet
122Kb / 9P
3.3V 128K X 8 CMOS SRAM (Center power and ground)
logo
Integrated Device Techn...
71024S15YI IDT-71024S15YI Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit)
IDT71V124SA IDT-IDT71V124SA_14 Datasheet
68Kb / 8P
3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power and Ground Pinout
logo
Renesas Technology Corp
71024S RENESAS-71024S Datasheet
312Kb / 9P
CMOS Static RAM 1 Meg (128K x 8-Bit)
Mar. 30.21
71124 RENESAS-71124 Datasheet
188Kb / 9P
CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
Feb.27.20
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com