Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71124 Datasheet (PDF) - Renesas Technology Corp

71124 Datasheet PDF - Renesas Technology Corp
Part # 71124
Download  71124 Download
File Size   188.35 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout

71124 Datasheet (PDF)

Go To PDF Page Download Datasheet
71124 Datasheet PDF - Renesas Technology Corp

Part # 71124
Download  71124 Click to download

File Size   188.35 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout

71124 Datasheet (HTML) - Renesas Technology Corp


71124 Product details

Features
◆ 128K x 8 advanced high-speed CMOS static RAM
◆ JEDEC revolutionary pinout (center power/GND) for
reduced noise.
◆ Equal access and cycle times
– Commercial: 12/15/20ns
– Industrial: 15/20ns
◆ One Chip Select plus one Output Enable pin
◆ Bidirectional inputs and outputs directly TTL-compatible
◆ Low power consumption via chip deselect
◆ Available in a 32-pin 400 mil Plastic SOJ.




Similar Part No. - 71124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7112 ETC1-7112 Datasheet
36Kb / 1P
Common Mode EMI Inductors
logo
Bourns Electronic Solut...
7112-RC BOURNS-7112-RC Datasheet
89Kb / 1P
Common Mode EMI Chokes
7112-RC BOURNS-7112-RC Datasheet
55Kb / 1P
Common Mode EMI Chokes
7112-RC BOURNS-7112-RC Datasheet
75Kb / 1P
Common Mode EMI Chokes
logo
RAF ELECTRONIC HARDWARE
7112-SS RAF-7112-SS Datasheet
145Kb / 1P
WASHER FACE THUMB SCREWS
More results


Similar Description - 71124

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71024 IDT-IDT71024 Datasheet
68Kb / 8P
CMOS STATIC RAM 1 MEG (128K x 8-BIT)
IDT71024S70 IDT-IDT71024S70 Datasheet
58Kb / 7P
CMOS STATIC RAM 1 MEG (128K x 8-BIT)
IDT71124 IDT-IDT71124 Datasheet
83Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
IDT71128 IDT-IDT71128 Datasheet
81Kb / 8P
CMOS Static RAM 1 Meg (256K x 4-Bit) Revolutionary Pinout
IDT71V124 IDT-IDT71V124 Datasheet
66Kb / 8P
3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
IDT71024S15TYI IDT-IDT71024S15TYI Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit)
71024S15YI IDT-71024S15YI Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit)
IDT71124 IDT-IDT71124_13 Datasheet
89Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout Equal access and cycle times
logo
List of Unclassifed Man...
IDT71024S15YGI ETC2-IDT71024S15YGI Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Renesas Technology Corp
71024S RENESAS-71024S Datasheet
312Kb / 9P
CMOS Static RAM 1 Meg (128K x 8-Bit)
Mar. 30.21
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com