Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT71V124 Datasheet (PDF) - Integrated Device Technology

IDT71V124 Datasheet PDF - Integrated Device Technology
Part # IDT71V124
Download  IDT71V124 Download
File Size   66.63 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout

IDT71V124 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT71V124 Datasheet PDF - Integrated Device Technology

Part # IDT71V124
Download  IDT71V124 Click to download

File Size   66.63 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout

IDT71V124 Datasheet (HTML) - Integrated Device Technology


IDT71V124 Product details

Description

The IDT71V124 is a 1,048,576-bit high-speed static RAM organized as 128K x 8. It is fabricated using IDT’s high-performance, high-reliability CMOS technology. This state-of-the-art technology, combined with innovative circuit design techniques, provides a cost-effective solution for high

speed memory needs. The JEDEC center power/GND pinout reduces noise generation and improves system performance.

The IDT71V124 has an output enable pin which operates as fast as 5ns, with address access times as fast as 9ns available. All bidirectional inputs and outputs of the IDT71V124 are LVTTL-compatible and operation is from a single 3.3V supply. Fully static asynchronous circuitry is used; no clocks or refreshes are required for operation.



Features

◆ 128K x 8 advanced high-speed CMOS static RAM

◆JEDEC revolutionary pinout (center power/GND) for reduced noise

◆Equal access and cycle times

– Commercial: 10/12/15/20ns

– Industrial: 10/12/15/20ns

◆One Chip Select plus one Output Enable pin

◆Inputs and outputs are LVTTL-compatible

◆Single 3.3V supply

◆Low power consumption via chip deselect

◆Available in a 32-pin 300- and 400-mil Plastic SOJ, and 32-pin Type II TSOP packages.




Similar Part No. - IDT71V124

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V124SA IDT-IDT71V124SA Datasheet
81Kb / 8P
3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power & Ground Pinout
logo
List of Unclassifed Man...
IDT71V124SA-PH ETC2-IDT71V124SA-PH Datasheet
704Kb / 17P
STK503 User Guide
logo
ATMEL Corporation
IDT71V124SA-PH ATMEL-IDT71V124SA-PH Datasheet
704Kb / 17P
Supports the ATmega2560, ATmega1280 and ATmega640
logo
List of Unclassifed Man...
IDT71V124SA-TY ETC2-IDT71V124SA-TY Datasheet
704Kb / 17P
STK503 User Guide
logo
ATMEL Corporation
IDT71V124SA-TY ATMEL-IDT71V124SA-TY Datasheet
704Kb / 17P
Supports the ATmega2560, ATmega1280 and ATmega640
More results


Similar Description - IDT71V124

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V124SA IDT-IDT71V124SA Datasheet
81Kb / 8P
3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power & Ground Pinout
IDT71124 IDT-IDT71124 Datasheet
83Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
IDT71128 IDT-IDT71128 Datasheet
81Kb / 8P
CMOS Static RAM 1 Meg (256K x 4-Bit) Revolutionary Pinout
logo
Integrated Silicon Solu...
IS63LV1024 ISSI-IS63LV1024 Datasheet
68Kb / 8P
128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS63LV1024L ISSI-IS63LV1024L Datasheet
45Kb / 9P
128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Circuit Solu...
IC63LV1024 ICSI-IC63LV1024 Datasheet
133Kb / 10P
128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Silicon Solu...
IS63LV1024 ISSI-IS63LV1024_07 Datasheet
614Kb / 18P
128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Device Techn...
IDT71124 IDT-IDT71124_13 Datasheet
89Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout Equal access and cycle times
logo
Renesas Technology Corp
71024S RENESAS-71024S Datasheet
312Kb / 9P
CMOS Static RAM 1 Meg (128K x 8-Bit)
Mar. 30.21
71124 RENESAS-71124 Datasheet
188Kb / 9P
CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
Feb.27.20
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com