Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71024S Datasheet (PDF) - Renesas Technology Corp

71024S Datasheet PDF - Renesas Technology Corp
Part # 71024S
Download  71024S Download
File Size   312.13 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Static RAM 1 Meg (128K x 8-Bit)

71024S Datasheet (PDF)

Go To PDF Page Download Datasheet
71024S Datasheet PDF - Renesas Technology Corp

Part # 71024S
Download  71024S Click to download

File Size   312.13 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Static RAM 1 Meg (128K x 8-Bit)

71024S Datasheet (HTML) - Renesas Technology Corp


71024S Product details

Features
◆ 128K x 8 advanced high-speed CMOS static RAM
◆ Commercial (0°C to +70°C), Industrial (–40°C to +85°C)
◆ Equal access and cycle times
— Commercial and Industrial: 12/15/20ns
◆ Two Chip Selects plus one Output Enable pin
◆ Bidirectional inputs and outputs directly
TTL-compatible
◆ Low power consumption via chip deselect
◆ Available in 300 and 400 mil Plastic SOJ.
◆ Industrial temperature range (–40°C to +85°C) is available
for selected speeds
◆ Green parts available, see ordering information
Description
The IDT71024 is a 1,048,576-bit high-speed static RAM organized as
128K x 8. It is fabricated using high-performance, high-reliability CMOS
technology. This state-of-the-art technology, combined with innovative
circuit design techniques, provides a cost-effective solution for high-speed
memory needs.
The IDT71024 has an output enable pin which operates as fast
as 6ns, with address access times as fast as 12ns available. All
bidirectional inputs and outputs of the IDT71024 are TTL-compatible,
and operation is from a single 5V supply. Fully static asynchronous
circuitry is used; no clocks or refreshes are required for
operation.
The IDT71024 is packaged in 32-pin 300 mil Plastic SOJ and 32-
pin 400 mil Plastic SOJ.




Similar Part No. - 71024S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71024S15YI IDT-71024S15YI Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit)
More results


Similar Description - 71024S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71024 IDT-IDT71024 Datasheet
68Kb / 8P
CMOS STATIC RAM 1 MEG (128K x 8-BIT)
IDT71024S70 IDT-IDT71024S70 Datasheet
58Kb / 7P
CMOS STATIC RAM 1 MEG (128K x 8-BIT)
IDT71V124SA IDT-IDT71V124SA Datasheet
81Kb / 8P
3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power & Ground Pinout
IDT71124 IDT-IDT71124 Datasheet
83Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
IDT71V124 IDT-IDT71V124 Datasheet
66Kb / 8P
3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
IDT71024S15TYI IDT-IDT71024S15TYI Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit)
71024S15YI IDT-71024S15YI Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit)
IDT71024S20YG IDT-IDT71024S20YG Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
List of Unclassifed Man...
IDT71024S15YGI ETC2-IDT71024S15YGI Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Renesas Technology Corp
71124 RENESAS-71124 Datasheet
188Kb / 9P
CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
Feb.27.20
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com