Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT71024 Datasheet (PDF) - Integrated Device Technology

IDT71024 Datasheet PDF - Integrated Device Technology
Part # IDT71024
Download  IDT71024 Download
File Size   68.84 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS STATIC RAM 1 MEG (128K x 8-BIT)

IDT71024 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT71024 Datasheet PDF - Integrated Device Technology

Part # IDT71024
Download  IDT71024 Click to download

File Size   68.84 Kbytes
Page   8 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS STATIC RAM 1 MEG (128K x 8-BIT)

IDT71024 Datasheet (HTML) - Integrated Device Technology


IDT71024 Product details

DESCRIPTION:
The IDT71024 is a 1,048,576-bit high-speed static RAM organized as 128K x 8. It is fabricated using IDT’s highperformance, high-reliability CMOS technology. This stateof-the-art technology, combined with innovative circuit design techniques, provides a cost-effective solution for high-speed memory needs.

FEATURES:
• 128K x 8 advanced high-speed CMOS static RAM
• Commercial (0° to 70°C), Industrial (-40° to 85°C) and
   Military (-55° to 125°C) temperature options
• Equal access and cycle times
   — Military: 15/17/20/25ns
   — Industrial: 15/20ns
   — Commercial: 12/15/17/20ns
• Two Chip Selects plus one Output Enable pin
• Bidirectional inputs and outputs directly TTL-compatible
• Low power consumption via chip deselect
• Available in 300 and 400 mil Plastic SOJ, and LCC packages
• Military product compliant to MIL-STD-883, Class B




Similar Part No. - IDT71024

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71024S IDT-IDT71024S Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit) Two Chip Selects plus one Output Enable pin
logo
List of Unclassifed Man...
IDT71024S ETC2-IDT71024S Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Integrated Device Techn...
IDT71024S12TYGI8 IDT-IDT71024S12TYGI8 Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit) Two Chip Selects plus one Output Enable pin
IDT71024S15TYI IDT-IDT71024S15TYI Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
List of Unclassifed Man...
IDT71024S15YGI ETC2-IDT71024S15YGI Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit)
More results


Similar Description - IDT71024

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71024S70 IDT-IDT71024S70 Datasheet
58Kb / 7P
CMOS STATIC RAM 1 MEG (128K x 8-BIT)
IDT71V124SA IDT-IDT71V124SA Datasheet
81Kb / 8P
3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power & Ground Pinout
IDT71124 IDT-IDT71124 Datasheet
83Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
IDT71V124 IDT-IDT71V124 Datasheet
66Kb / 8P
3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
IDT71024S15TYI IDT-IDT71024S15TYI Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit)
71024S15YI IDT-71024S15YI Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit)
IDT71024S20YG IDT-IDT71024S20YG Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
List of Unclassifed Man...
IDT71024S15YGI ETC2-IDT71024S15YGI Datasheet
254Kb / 8P
CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Renesas Technology Corp
71024S RENESAS-71024S Datasheet
312Kb / 9P
CMOS Static RAM 1 Meg (128K x 8-Bit)
Mar. 30.21
71124 RENESAS-71124 Datasheet
188Kb / 9P
CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
Feb.27.20
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com