Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5395-0 Datasheet (PDF) - Pomona Electronics

5395-0 Datasheet PDF - Pomona Electronics
Part # 5395-0
Download  5395-0 Download
File Size   24.87 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description 2MM Insulated Banana Jack

5395-0 Datasheet (PDF)

Go To PDF Page Download Datasheet
5395-0 Datasheet PDF - Pomona Electronics

Part # 5395-0
Download  5395-0 Click to download

File Size   24.87 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description 2MM Insulated Banana Jack

5395-0 Datasheet (HTML) - Pomona Electronics




Similar Part No. - 5395-0

ManufacturerPart #DatasheetDescription
logo
Walther-Werke
539504 WALTHER-539504 Datasheet
437Kb / 4P
Channel installation sockets IP 44
539509 WALTHER-539509 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Festo Corporation.
5395254 FESTO-5395254 Datasheet
46Kb / 1P
Blind plate
7/21/22
More results


Similar Description - 5395-0

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2142 POMONA-2142 Datasheet
143Kb / 1P
Insulated Miniature Banana Jack
2269 POMONA-2269 Datasheet
320Kb / 1P
Insulated Double Banana Jack
4601 POMONA-4601 Datasheet
26Kb / 1P
Triple Banana Jack, Insulated
5788 POMONA-5788 Datasheet
19Kb / 1P
Insulated Miniature Alligator Test Clip With 2MM Banana Jack
72916 POMONA-72916 Datasheet
129Kb / 1P
4mm Banana Jack to 2mm Banana Jack Adapter
logo
3M Electronics
2142-2 3M-2142-2 Datasheet
143Kb / 1P
Insulated Miniature Banana Jack
Rev 100
4601-0 3M-4601-0 Datasheet
26Kb / 1P
Triple Banana Jack, Insulated
09-Jun-1999
logo
List of Unclassifed Man...
BU-00233-0 ETC2-BU-00233-0 Datasheet
51Kb / 1P
Insulated Banana Jack
BU-P72914-0 ETC2-BU-P72914-0 Datasheet
159Kb / 1P
4mm banana jack to 2mm banana jack adapter
logo
Keystone Electronics Co...
6091 KEYSTONE-6091 Datasheet
202Kb / 1P
INSULATED BANANA JACK
1.11.06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com