Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

72922 Datasheet (PDF) - Pomona Electronics

72922 Datasheet PDF - Pomona Electronics
Part # 72922
Download  72922 Download
File Size   120.9 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description 2mm SAFETY Sheathed Jack with Solder Tab

72922 Datasheet (PDF)

Go To PDF Page Download Datasheet
72922 Datasheet PDF - Pomona Electronics

Part # 72922
Download  72922 Click to download

File Size   120.9 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description 2mm SAFETY Sheathed Jack with Solder Tab

72922 Datasheet (HTML) - Pomona Electronics




Similar Part No. - 72922

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
7292 KEYSTONE-7292 Datasheet
472Kb / 1P
COMPUTER HARDWARE
31-07 20th
logo
Pomona Electronics
72920 POMONA-72920 Datasheet
129Kb / 1P
2mm SAFETY Sheathed Patch Cords
72921 POMONA-72921 Datasheet
124Kb / 1P
2mm SAFETY Sheathed Jack
72923 POMONA-72923 Datasheet
144Kb / 1P
SMD Test Probe W/ Sharp, Spring Mounted Tip, 2MM
72924 POMONA-72924 Datasheet
120Kb / 1P
Mini-alligator Clip with 2mm Jack
More results


Similar Description - 72922

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5931 POMONA-5931 Datasheet
70Kb / 1P
Panel Mount 4mm Banana Jack For Sheathed Plugs
6248 POMONA-6248 Datasheet
75Kb / 1P
Test Clip to Sheathed Banana Jack
72914 POMONA-72914 Datasheet
119Kb / 1P
4mm Safety Banana Jack to 2mm Banana Plug Adapter
72915 POMONA-72915 Datasheet
130Kb / 1P
2mm Sheathed Jack to 2mm Unsheathed Plug Adapter
72919 POMONA-72919 Datasheet
143Kb / 1P
2mm SAFETY Sheathed Patch Cords
72920 POMONA-72920 Datasheet
129Kb / 1P
2mm SAFETY Sheathed Patch Cords
72921 POMONA-72921 Datasheet
124Kb / 1P
2mm SAFETY Sheathed Jack
72924 POMONA-72924 Datasheet
120Kb / 1P
Mini-alligator Clip with 2mm Jack
72925 POMONA-72925 Datasheet
132Kb / 1P
2mm Stackable Safety Sheathed Plug
72917 POMONA-72917 Datasheet
70Kb / 1P
4mm Banana Plug to 2mm Sheathed Banana Jack Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com