Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5931 Datasheet (PDF) - Pomona Electronics

5931 Datasheet PDF - Pomona Electronics
Part # 5931
Download  5931 Download
File Size   70.36 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Panel Mount 4mm Banana Jack For Sheathed Plugs

5931 Datasheet (PDF)

Go To PDF Page Download Datasheet
5931 Datasheet PDF - Pomona Electronics

Part # 5931
Download  5931 Click to download

File Size   70.36 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Panel Mount 4mm Banana Jack For Sheathed Plugs

5931 Datasheet (HTML) - Pomona Electronics


5931 Product details

FEATURES:

· Banana jack mates to Pomona’s models 5907A, 5908A & 5909A flexible sheathed style of DMM test leads.

· Slip ring threads onto the insulated body to firmly secure jack to panel.

· Banana jack is gold plated for superb electrical connection.



MATERIALS:

Banana Jack: Brass, Gold Plated

Insulation: Nylon

Locking Ring: Brass, Nickel Plated




Similar Part No. - 5931

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5931 ALPHAWIRE-5931 Datasheet
412Kb / 4P
28 (7/36) AWG Tinned Copper
logo
YAGEO Corporation
5931 YAGEO-5931 Datasheet
608Kb / 9P
SHUNT RESISTOR AUTOMOTIVE GRADE
July 08, 2022 V. 9
logo
Aavid, Thermal Division...
593101B03600G AAVID-593101B03600G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
593101B03600G AAVID-593101B03600G Datasheet
8Mb / 116P
How to Use This Catalog
logo
Axiomtek Co., Ltd.
59312260020E AXIOMTEK-59312260020E Datasheet
582Kb / 3P
Pico-ITX SBC with Intel® Pentium® Processor N4200/Celeron® Processor N3350, DisplayPort, LVDS, 2 GbE LAN, and Audio
Mar. 06, 2025.
More results


Similar Description - 5931

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1581 POMONA-1581 Datasheet
26Kb / 1P
Panel Mount Banana Jack
6387 POMONA-6387 Datasheet
147Kb / 1P
Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
72912 POMONA-72912 Datasheet
106Kb / 1P
Panel Mt IEC1010 Banana Jacks for Sheathed Plugs
72913 POMONA-72913 Datasheet
128Kb / 1P
Panel Mt IEC61010 4mm (0.16in) Jack for Sheathed Banana Plugs
72930 POMONA-72930 Datasheet
92Kb / 1P
Panel Mt IEC1010 4mm (0.16in) jack for Sheathed Plugs
72917 POMONA-72917 Datasheet
70Kb / 1P
4mm Banana Plug to 2mm Sheathed Banana Jack Adapter
logo
List of Unclassifed Man...
BU-P2854-0 ETC2-BU-P2854-0 Datasheet
193Kb / 1P
Banana Jack (Panel mount)
logo
Pomona Electronics
6387-ST-T-0 POMONA-6387-ST-T-0 Datasheet
47Kb / 2P
Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
logo
List of Unclassifed Man...
P252100 ETC2-P252100 Datasheet
211Kb / 2P
LEAD 4MM STACKING SHEATHED PLUGS
logo
Pomona Electronics
1581 POMONA-1581_V01 Datasheet
161Kb / 1P
Panel Mount Banana Jack
2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com