Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1581 Datasheet (PDF) - Pomona Electronics

1581 Datasheet PDF - Pomona Electronics
Part # 1581
Download  1581 Download
File Size   26.21 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Panel Mount Banana Jack

1581 Datasheet (PDF)

Go To PDF Page Download Datasheet
1581 Datasheet PDF - Pomona Electronics

Part # 1581
Download  1581 Click to download

File Size   26.21 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Panel Mount Banana Jack

1581 Datasheet (HTML) - Pomona Electronics


1581 Product details

FEATURES:
● Banana Jacks mount into panels ranging in thickness from .063 (1.6mm) to .375 (9.5mm).
● Model 4900 features Polypenylene Sulfide for high temperature applications.
● Model 2854 features gold plated body for optimum electrical connection.
● Model 1581 features bright tin plating




Similar Part No. - 1581

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1581 HAMMOND-1581 Datasheet
47Kb / 1P
230VAC / 10A IEC Heavy Duty Outlet Strip
logo
Pomona Electronics
1581 POMONA-1581 Datasheet
161Kb / 1P
Panel Mount Banana Jack
2016
logo
Weidmuller
1581000000 WEIDMULLER-1581000000 Datasheet
396Kb / 4P
SL 5.00/16/90B 3.2SN OR BX
logo
PHOENIX CONTACT
1581010 PHOENIX-1581010 Datasheet
66Kb / 3P
Adapter - DC-B 6-ADP-4M12-FS-5CON-7X4-UT
logo
Weidmuller
1581010000 WEIDMULLER-1581010000 Datasheet
395Kb / 4P
SL 5.00/17/90B 3.2SN OR BX
More results


Similar Description - 1581

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5931 POMONA-5931 Datasheet
70Kb / 1P
Panel Mount 4mm Banana Jack For Sheathed Plugs
6387 POMONA-6387 Datasheet
147Kb / 1P
Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
72916 POMONA-72916 Datasheet
129Kb / 1P
4mm Banana Jack to 2mm Banana Jack Adapter
logo
List of Unclassifed Man...
BU-00233-0 ETC2-BU-00233-0 Datasheet
51Kb / 1P
Insulated Banana Jack
BU-P2854-0 ETC2-BU-P2854-0 Datasheet
193Kb / 1P
Banana Jack (Panel mount)
BU-P5168-0 ETC2-BU-P5168-0 Datasheet
203Kb / 1P
Banana Jack
BU-P72914-0 ETC2-BU-P72914-0 Datasheet
159Kb / 1P
4mm banana jack to 2mm banana jack adapter
logo
Pomona Electronics
6387-ST-T-0 POMONA-6387-ST-T-0 Datasheet
47Kb / 2P
Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
logo
Adam Technologies, Inc.
BJ-001-XX ADAM-TECH-BJ-001-XX Datasheet
57Kb / 1P
2.0 BANANA JACK
logo
Pomona Electronics
1581 POMONA-1581_V01 Datasheet
161Kb / 1P
Panel Mount Banana Jack
2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com