Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6387 Datasheet (PDF) - Pomona Electronics

6387 Datasheet PDF - Pomona Electronics
Part # 6387
Download  6387 Download
File Size   147.49 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs

6387 Datasheet (PDF)

Go To PDF Page Download Datasheet
6387 Datasheet PDF - Pomona Electronics

Part # 6387
Download  6387 Click to download

File Size   147.49 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs

6387 Datasheet (HTML) - Pomona Electronics




Similar Part No. - 6387

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
6387 ALPHAWIRE-6387 Datasheet
410Kb / 4P
24 (7/32) AWG Tinned Copper
logo
Pomona Electronics
6387-BC-G-0 POMONA-6387-BC-G-0 Datasheet
47Kb / 2P
Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
6387-ST-N-0 POMONA-6387-ST-N-0 Datasheet
47Kb / 2P
Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
6387-ST-T-0 POMONA-6387-ST-T-0 Datasheet
47Kb / 2P
Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
6387-ST-T-2 POMONA-6387-ST-T-2 Datasheet
47Kb / 2P
Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
More results


Similar Description - 6387

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1581 POMONA-1581 Datasheet
26Kb / 1P
Panel Mount Banana Jack
5931 POMONA-5931 Datasheet
70Kb / 1P
Panel Mount 4mm Banana Jack For Sheathed Plugs
72912 POMONA-72912 Datasheet
106Kb / 1P
Panel Mt IEC1010 Banana Jacks for Sheathed Plugs
72913 POMONA-72913 Datasheet
128Kb / 1P
Panel Mt IEC61010 4mm (0.16in) Jack for Sheathed Banana Plugs
72916 POMONA-72916 Datasheet
129Kb / 1P
4mm Banana Jack to 2mm Banana Jack Adapter
72930 POMONA-72930 Datasheet
92Kb / 1P
Panel Mt IEC1010 4mm (0.16in) jack for Sheathed Plugs
72917 POMONA-72917 Datasheet
70Kb / 1P
4mm Banana Plug to 2mm Sheathed Banana Jack Adapter
logo
List of Unclassifed Man...
BU-P2854-0 ETC2-BU-P2854-0 Datasheet
193Kb / 1P
Banana Jack (Panel mount)
BU-P72914-0 ETC2-BU-P72914-0 Datasheet
159Kb / 1P
4mm banana jack to 2mm banana jack adapter
logo
Pomona Electronics
6387-ST-T-0 POMONA-6387-ST-T-0 Datasheet
47Kb / 2P
Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com