Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1977 Datasheet (PDF) - Maxim Integrated Products

DS1977 Datasheet PDF - Maxim Integrated Products
Part # DS1977
Download  DS1977 Download
File Size   419.5 Kbytes
Page   29 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Password-Protected 32KB EEPROM iButton

DS1977 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1977 Datasheet PDF - Maxim Integrated Products

Part # DS1977
Download  DS1977 Click to download

File Size   419.5 Kbytes
Page   29 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Password-Protected 32KB EEPROM iButton

DS1977 Datasheet (HTML) - Maxim Integrated Products


DS1977 Product details

iButton DESCRIPTION
The DS1977 is a 32KB EEPROM in a rugged, iButton® enclosure. Access to the memory can be password-protected with different passwords for read-only and full access. Data is transferred serially through the 1-Wire® protocol, which requires only a single data lead and a ground return. Every DS1977 is factory lasered with a guaranteed unique 64-bit registration number that allows for absolute traceability. The durable stainless-steel iButton package is highly resistant to environmental hazards such as dirt, moisture, and shock. Accessories permit the DS1977 iButton to be mounted on almost any object, including containers, pallets, and bags.
   
SPECIAL FEATURES
■ 32KB EEPROM Organized as Pages of 64 Bytes
    Each
■ Optional Password Protection with Different 64-
    Bit Passwords for Read and Full Access
■ Communicates to Host with a Single Digital
    Signal at Up to 15.3kbps at Standard Speed or
    Up to 125kbps in Overdrive Mode Using 1-Wire
    Protocol
■ Operating Range: 2.8V to 5.25V, -40C to +85C
■ Minimum 100k Write Cycles Endurance
■ 15kV Built-in ESD Protection
   
COMMON iButton FEATURES
■ Unique Factory-Lasered 64-Bit Registration
    Number Assures Error-Free Device Selection
    and Absolute Traceability Because No Two Parts
    are Alike
■ Built-In Multidrop Controller for 1-Wire Net
■ Chip-Based Data Carrier Stores Digital
    Identification and Information, Armored in a
    Durable Stainless-Steel Case
■ Data can be Accessed While Affixed to Object
■ Button Shape is Self-Aligning with Cup-Shaped
    Probes
■ Easily Affixed with Self-Stick Adhesive Backing,
    Latched by its Flange, or Locked with a Ring
    Pressed onto its Rim
■ Presence Detector Acknowledges when Reader
    First Applies Voltage
   
APPLICATIONS
    Maintenance/Inspection Data Storage
    Medical Data Carrier
    Health Data Carrier
    Audit Data Storage and Carrier
   




Similar Part No. - DS1977

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1977 DALLAS-DS1977 Datasheet
102Kb / 16P
32KB EEPROM iButton
DS1977-F5 DALLAS-DS1977-F5 Datasheet
102Kb / 16P
32KB EEPROM iButton
More results


Similar Description - DS1977

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1971 DALLAS-DS1971 Datasheet
234Kb / 3P
256-Bit EEPROM iButton
DS1973 DALLAS-DS1973 Datasheet
47Kb / 2P
4-kbit EEPROM iButton
DS1961S DALLAS-DS1961S Datasheet
360Kb / 36P
1kb Protected EEPROM iButton With SHA-1 Engine
logo
Xicor Inc.
X46402 XICOR-X46402 Datasheet
102Kb / 23P
Dual Voltage CPU Supervisor with 64K Password Protected EEPROM
logo
Dallas Semiconductor
DS1977 DALLAS-DS1977 Datasheet
102Kb / 16P
32KB EEPROM iButton
logo
Maxim Integrated Produc...
DS1972 MAXIM-DS1972 Datasheet
273Kb / 23P
1024-Bit EEPROM iButton
REV: 083006
DS1971 MAXIM-DS1971 Datasheet
265Kb / 4P
256-Bit EEPROM iButton®
7/09
DS1972 MAXIM-DS1972_10 Datasheet
281Kb / 23P
1024-Bit EEPROM iButton
Rev 3; 4/10
DS1973 MAXIM-DS1973 Datasheet
75Kb / 3P
4Kb EEPROM iButton
Rev 8/09
DS1961S MAXIM-DS1961S Datasheet
364Kb / 36P
1kb Protected EEPROM iButton With SHA-1 Engine
092302
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com