Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1973 Datasheet (PDF) - Dallas Semiconductor

DS1973 Datasheet PDF - Dallas Semiconductor
Part # DS1973
Download  DS1973 Download
File Size   47.07 Kbytes
Page   2 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 4-kbit EEPROM iButton

DS1973 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1973 Datasheet PDF - Dallas Semiconductor

Part # DS1973
Download  DS1973 Click to download

File Size   47.07 Kbytes
Page   2 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 4-kbit EEPROM iButton

DS1973 Datasheet (HTML) - Dallas Semiconductor


DS1973 Product details

iButton DESCRIPTION

The DS1973 4Kb EEPROM iButton is a rugged read/write data carrier that identifies and stores relevant information about the product or person to which it is attached. This information can be accessed with minimal hardware, for example a single port pin of a micro-controller. The DS1973 consists of a factory lasered registration number that includes a unique 48-bit serial number, an 8-bit CRC, and an 8-bit Family Code (23H) plus 4096 bits of EEPROM. The power to program and read the DS1973 is derived entirely from the 1-Wire communication line. The memory is organized as sixteen pages of 256 bits each.



SPECIAL FEATURES

  4096 bits Electrically Erasable Programmable Read Only Memory (EEPROM)

  Overdrive mode boosts communication speed to 142kbps

  256-bit scratchpad ensures integrity of data transfer

  Memory partitioned into 256-bit pages for packetizing data

  Reduces control, address, data and power to a single data pin

  8-bit family code specifies DS1973 communication requirements to reader

  Reads and writes over a wide voltage range of 2.8V to 6.0V from -40°C to +85°C



 




Similar Part No. - DS1973

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1973 MAXIM-DS1973 Datasheet
75Kb / 3P
4Kb EEPROM iButton
Rev 8/09
DS1973-F3+ MAXIM-DS1973-F3+ Datasheet
75Kb / 3P
4Kb EEPROM iButton
Rev 8/09
DS1973-F5+ MAXIM-DS1973-F5+ Datasheet
75Kb / 3P
4Kb EEPROM iButton
Rev 8/09
More results


Similar Description - DS1973

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1971 DALLAS-DS1971 Datasheet
234Kb / 3P
256-Bit EEPROM iButton
DS1982 DALLAS-DS1982 Datasheet
444Kb / 23P
1-kbit Add-Only iButton
DS1985 DALLAS-DS1985 Datasheet
440Kb / 25P
16-kbit Add-Only iButton
DS1995 DALLAS-DS1995 Datasheet
193Kb / 1P
16-kbit Memory iButton
DS1977 DALLAS-DS1977 Datasheet
102Kb / 16P
32KB EEPROM iButton
logo
Maxim Integrated Produc...
DS1972 MAXIM-DS1972 Datasheet
273Kb / 23P
1024-Bit EEPROM iButton
REV: 083006
DS1972 MAXIM-DS1972_10 Datasheet
281Kb / 23P
1024-Bit EEPROM iButton
Rev 3; 4/10
logo
STMicroelectronics
M24C04-BN6 STMICROELECTRONICS-M24C04-BN6 Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C04-WMN6 STMICROELECTRONICS-M24C04-WMN6 Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
logo
Maxim Integrated Produc...
DS1973 MAXIM-DS1973 Datasheet
75Kb / 3P
4Kb EEPROM iButton
Rev 8/09
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com