Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1985 Datasheet (PDF) - Dallas Semiconductor

DS1985 Datasheet PDF - Dallas Semiconductor
Part # DS1985
Download  DS1985 Download
File Size   440.84 Kbytes
Page   25 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 16-kbit Add-Only iButton

DS1985 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1985 Datasheet PDF - Dallas Semiconductor

Part # DS1985
Download  DS1985 Click to download

File Size   440.84 Kbytes
Page   25 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 16-kbit Add-Only iButton

DS1985 Datasheet (HTML) - Dallas Semiconductor


DS1985 Product details

iButton DESCRIPTION
The DS1985 16-kbit Add-Only iButton is a rugged read/write data carrier that identifies and stores relevant information about the product or person to which it is attached. This information can be accessed with minimal hardware, for example a single port pin of a microcontroller.

SPECIAL FEATURES
■ 16384 bits Electrically Programmable Read Only Memory (EPROM) communicates with the economy of one signal plus ground
■ EPROM partitioned into sixty-four 256-bit pages for randomly accessing packetized data records
■ Each memory page can be permanently write-protected to prevent tampering
■ Device is an “add only” memory where additional data can be programmed into EPROM without disturbing existing data
■ Architecture allows software to patch data by superseding an old page in favor of a newly programmed page
■ Reduces control, address, data, power, and programming signals to a single data pin
■ 8-bit family code specifies DS1985 communications requirements to reader
■ Reads over a wide voltage range of 2.8V to 6.0V from -40°C to +85°C; programs at 11.5V to 12.0V from -40°C to +85°C

COMMON iButton FEATURES
■ Unique, factory-lasered and tested 64-bit registration number (8-bit family code + 48- bit serial number + 8-bit CRC tester) assures absolute traceability because no two parts are alike
■ Multidrop controller for MicroLAN
■ Digital identification and information by momentary contact
■ Chip-based data carrier compactly stores information
■ Data can be accessed while affixed to object
■ Economically communicates to bus master with a single digital signal at 16.3k bits per second
■ Standard 16 mm diameter and 1-WireTM protocol ensure compatibility with iButton family
■ Button shape is self-aligning with cupshaped probes
■ Durable stainless steel case engraved with registration number withstands harsh environments
■ Easily affixed with self-stick adhesive backing, latched by its flange, or locked with a ring pressed onto its rim
■ Presence detector acknowledges when reader first applies voltage
■ Meets UL#913 (4th Edit.); Intrinsically Safe Apparatus, Approved under Entity Concept for use in Class I, Division 1, Group A, B, C and D Locations (application pending)




Similar Part No. - DS1985

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1985 MAXIM-DS1985 Datasheet
696Kb / 26P
16Kb Add-Only iButton
Rev 8/09
More results


Similar Description - DS1985

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1982 DALLAS-DS1982 Datasheet
444Kb / 23P
1-kbit Add-Only iButton
DS2502 DALLAS-DS2502 Datasheet
451Kb / 3P
1 kbit Add-Only Memory
DS2506 DALLAS-DS2506 Datasheet
558Kb / 25P
64-kbit Add-Only Memory
DS2505 DALLAS-DS2505 Datasheet
525Kb / 24P
16-kbit Add-Only Memory
DS1995 DALLAS-DS1995 Datasheet
193Kb / 1P
16-kbit Memory iButton
DS2502 DALLAS-DS2502_07 Datasheet
737Kb / 22P
1 kbit Add-Only Memory
DS1986 DALLAS-DS1986 Datasheet
548Kb / 27P
64-kbits Add-Only iButton?
logo
Maxim Integrated Produc...
DS1982 MAXIM-DS1982 Datasheet
695Kb / 24P
1Kb Add-Only iButton
Rev 8/09
DS1985 MAXIM-DS1985 Datasheet
696Kb / 26P
16Kb Add-Only iButton
Rev 8/09
logo
Dallas Semiconductor
DS2505 DALLAS-DS2505_07 Datasheet
800Kb / 24P
16-kbit Add-Only Memory
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com