Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1985 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1985
Description  16-kbit Add-Only iButton
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1985 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1985 Datasheet HTML 1Page - Dallas Semiconductor DS1985 Datasheet HTML 2Page - Dallas Semiconductor DS1985 Datasheet HTML 3Page - Dallas Semiconductor DS1985 Datasheet HTML 4Page - Dallas Semiconductor DS1985 Datasheet HTML 5Page - Dallas Semiconductor DS1985 Datasheet HTML 6Page - Dallas Semiconductor DS1985 Datasheet HTML 7Page - Dallas Semiconductor DS1985 Datasheet HTML 8Page - Dallas Semiconductor DS1985 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1 of 25
090299
SPECIAL FEATURES
§ 16384 bits Electrically Programmable Read
Only Memory (EPROM) communicates with
the economy of one signal plus ground
§ EPROM partitioned into sixty-four 256-bit
pages for randomly accessing packetized
data records
§ Each memory page can be permanently
write-protected to prevent tampering
§ Device is an “add only” memory where
additional data can be programmed into
EPROM without disturbing existing data
§ Architecture allows software to patch data by
superseding an old page in favor of a newly
programmed page
§ Reduces control, address, data, power, and
programming signals to a single data pin
§ 8-bit family code specifies DS1985
communications requirements to reader
§ Reads over a wide voltage range of 2.8V to
6.0V from -40°C to +85°C; programs at
11.5V to 12.0V from -40°C to +85°C
COMMON iButton FEATURES
§ Unique, factory-lasered and tested 64-bit
registration number (8-bit family code + 48-
bit serial number + 8-bit CRC tester) assures
absolute traceability because no two parts are
alike
§ Multidrop controller for MicroLAN
§ Digital identification and information by
momentary contact
§ Chip-based data carrier compactly stores
information
§ Data can be accessed while affixed to object
§ Economically communicates to bus master
with a single digital signal at 16.3k bits per
second
§ Standard 16 mm diameter and 1-WireTM
protocol ensure compatibility with iButton
family
§ Button shape is self-aligning with cup-
shaped probes
§ Durable stainless steel case engraved with
registration number withstands harsh
environments
§ Easily affixed with self-stick adhesive
backing, latched by its flange, or locked with
a ring pressed onto its rim
§ Presence detector acknowledges when reader
first applies voltage
§ Meets UL#913 (4th Edit.); Intrinsically Safe
Apparatus, Approved under Entity Concept
for use in Class I, Division 1, Group A, B, C
and D Locations (application pending)
F3 MICROCAN
TM
F5 MICROCAN
TM
DS1985
16-kbit Add-Only iButton
TM
www.dalsemi.com
DATA
GROUND
0.36
0.51
3.10
c
1993
YYWW REGISTERED RR
ED
0B
000000FBC52B
16.25
17.35
5.89
DATA
GROUND
0.36
0.51
c
1993
YYWW REGISTERED RR
6D
0B
000000FBD8B3
16.25
17.35
All dimensions shown in millimeters.


Similar Part No. - DS1985

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1985 MAXIM-DS1985 Datasheet
696Kb / 26P
16Kb Add-Only iButton
Rev 8/09
More results

Similar Description - DS1985

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1982 DALLAS-DS1982 Datasheet
444Kb / 23P
1-kbit Add-Only iButton
DS2502 DALLAS-DS2502 Datasheet
451Kb / 3P
1 kbit Add-Only Memory
DS2506 DALLAS-DS2506 Datasheet
558Kb / 25P
64-kbit Add-Only Memory
DS2505 DALLAS-DS2505 Datasheet
525Kb / 24P
16-kbit Add-Only Memory
DS1995 DALLAS-DS1995 Datasheet
193Kb / 1P
16-kbit Memory iButton
DS2502 DALLAS-DS2502_07 Datasheet
737Kb / 22P
1 kbit Add-Only Memory
DS1986 DALLAS-DS1986 Datasheet
548Kb / 27P
64-kbits Add-Only iButton?
logo
Maxim Integrated Produc...
DS1982 MAXIM-DS1982 Datasheet
695Kb / 24P
1Kb Add-Only iButton
Rev 8/09
DS1985 MAXIM-DS1985 Datasheet
696Kb / 26P
16Kb Add-Only iButton
Rev 8/09
logo
Dallas Semiconductor
DS2505 DALLAS-DS2505_07 Datasheet
800Kb / 24P
16-kbit Add-Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com