Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1985 Datasheet(PDF) 20 Page - Dallas Semiconductor

Part # DS1985
Description  16-kbit Add-Only iButton
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1985 Datasheet(HTML) 20 Page - Dallas Semiconductor

Back Button DS1985 Datasheet HTML 16Page - Dallas Semiconductor DS1985 Datasheet HTML 17Page - Dallas Semiconductor DS1985 Datasheet HTML 18Page - Dallas Semiconductor DS1985 Datasheet HTML 19Page - Dallas Semiconductor DS1985 Datasheet HTML 20Page - Dallas Semiconductor DS1985 Datasheet HTML 21Page - Dallas Semiconductor DS1985 Datasheet HTML 22Page - Dallas Semiconductor DS1985 Datasheet HTML 23Page - Dallas Semiconductor DS1985 Datasheet HTML 24Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
DS1985
20 of 25
(Figure 11) should be applied for 480
µs, after which the bus master returns the data line to an idle high
state controlled by the pullup resistor. Note that due to the high voltage programming requirements for
any 1-Wire EPROM device, it is not possible to multidrop non-EPROM based 1-Wire devices with the
DS1985 during programming. An internal diode within the non-EPROM based 1-Wire devices will
attempt to clamp the data line at approximately 8 volts and could potentially damage these devices.
INITIALIZATION PROCEDURE “RESET AND PRESENCE PULSES” Figure 9
480
µs ≤ t
RSTL <
∞ *
480
µs ≤ t
RSTH <
∞ (includes recovery time)
15
µs ≤ t
PDH < 60
µs
60
µs ≤ t
PDL < 240
µs
∗ In order not to mask interrupt signaling by other devices on the 1-Wire bus, t
RSTL + tR should always
be less than 960
µs.
READ/WRITE TIMING DIAGRAM Figure 10
Write-1 Time Slot
60
µs ≤ t
SLOT < 120
µs
1
µs ≤ t
LOW1 < 15
µs
1
µs ≤ t
REC <
∞
RESISTOR
MASTER
RESISTOR
MASTER
DS1985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com