Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1985 Datasheet(PDF) 23 Page - Dallas Semiconductor

Part # DS1985
Description  16-kbit Add-Only iButton
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1985 Datasheet(HTML) 23 Page - Dallas Semiconductor

Back Button DS1985 Datasheet HTML 17Page - Dallas Semiconductor DS1985 Datasheet HTML 18Page - Dallas Semiconductor DS1985 Datasheet HTML 19Page - Dallas Semiconductor DS1985 Datasheet HTML 20Page - Dallas Semiconductor DS1985 Datasheet HTML 21Page - Dallas Semiconductor DS1985 Datasheet HTML 22Page - Dallas Semiconductor DS1985 Datasheet HTML 23Page - Dallas Semiconductor DS1985 Datasheet HTML 24Page - Dallas Semiconductor DS1985 Datasheet HTML 25Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
DS1985
23 of 25
When reading the data memory of the DS1985 with the Extended Read Memory command, there are two
situations where a 16-bit CRC is transmitted. One 16-bit CRC follows each Redirection Byte, another 16-
bit CRC is received after the last byte of a memory data page is read. The CRC at the end of the memory
page is always the result of clearing the CRC generator and shifting in the data bytes beginning at the first
addressed memory location of the EPROM data page until the last byte of this page. With the initial pass
through the Extended Read Memory flow chart the 16-bit CRC value is the result of shifting the
command byte into the cleared CRC generator, followed by the 2 address bytes and the Redirection Byte.
Subsequent passes through the Extended Read Memory flow chart will generate a 16-bit CRC that is the
result of clearing the CRC generator and then shifting in the Redirection Byte only.
When writing to the DS1985 (either data memory or status memory), the bus master receives a 16-bit
CRC to verify the correctness of the data transfer before applying the programming pulse. With the initial
pass through the Write Memory/Status flow chart the 16-bit CRC will be generated by clearing the CRC
generator, shifting in the command, address low, address high and the data byte. Subsequent passes
through the Write Memory/Status flow chart due to the DS1985 automatically incrementing its address
counter will generate an 16-bit CRC that is the result of loading (not shifting) the new (incremented)
address into the CRC generator and then shifting in the new data byte.
The comparison of CRC values and decision to continue with an operation are determined entirely by the
bus master. There is no circuitry on the DS1985 that prevents a command sequence from proceeding if
the CRC stored in or calculated by the DS1985 does not match the value generated by the bus master. For
more details on generating CRC values including example implementations in both hardware and
software, see the Book of DS19xx iButton Standards.
CRC-16 HARDWARE DESCRIPTION AND POLYNOMIAL Figure 12
POLYNOMIAL = X
16 + X15 + X2 + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com