Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1985 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1985
Description  16-kbit Add-Only iButton
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1985 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1985 Datasheet HTML 1Page - Dallas Semiconductor DS1985 Datasheet HTML 2Page - Dallas Semiconductor DS1985 Datasheet HTML 3Page - Dallas Semiconductor DS1985 Datasheet HTML 4Page - Dallas Semiconductor DS1985 Datasheet HTML 5Page - Dallas Semiconductor DS1985 Datasheet HTML 6Page - Dallas Semiconductor DS1985 Datasheet HTML 7Page - Dallas Semiconductor DS1985 Datasheet HTML 8Page - Dallas Semiconductor DS1985 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
DS1985
4 of 25
The 1-Wire CRC of the lasered ROM is generated using the polynomial X
8 + X5 + X4 + 1. Additional
information about the Dallas Semiconductor 1-Wire Cyclic Redundancy Check is available in the Book
of DS19xx iButton Standards. The shift register acting as the CRC accumulator is initialized to 0. Then
starting with the least significant bit of the family code, one bit at a time is shifted in. After the 8th bit of
the family code has been entered, then the serial number is entered. After the 48th bit of the serial number
has been entered, the shift register contains the CRC value. Shifting in the 8 bits of CRC should return the
shift register to all 0s.
HIERARCHICAL STRUCTURE FOR 1-WIRE PROTOCOL Figure 2
64-BIT LASERED ROM Figure 3
8-Bit CRC Code
48- Bit Serial Number
8-Bit Family Code (0BH)
MSB
LSB MSB
LSB
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com