Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1985 Datasheet(PDF) 12 Page - Dallas Semiconductor

Part # DS1985
Description  16-kbit Add-Only iButton
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1985 Datasheet(HTML) 12 Page - Dallas Semiconductor

Back Button DS1985 Datasheet HTML 8Page - Dallas Semiconductor DS1985 Datasheet HTML 9Page - Dallas Semiconductor DS1985 Datasheet HTML 10Page - Dallas Semiconductor DS1985 Datasheet HTML 11Page - Dallas Semiconductor DS1985 Datasheet HTML 12Page - Dallas Semiconductor DS1985 Datasheet HTML 13Page - Dallas Semiconductor DS1985 Datasheet HTML 14Page - Dallas Semiconductor DS1985 Datasheet HTML 15Page - Dallas Semiconductor DS1985 Datasheet HTML 16Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
DS1985
12 of 25
EXTENDED READ MEMORY [A5H]
The Extended Read Memory command supports page redirection when reading data from the 16384-bit
EPROM data field. One major difference between the Extended Read Memory and the basic Read
Memory command is that the bus master receives the Redirection Byte first before investing time in
reading data from the addressed memory location. This allows the bus master to quickly decide whether
to continue and access the data at the selected starting page or to terminate and restart the reading process
at the redirected page address. A non-redirected page is identified by a Redirection Byte with a value of
FFH (see description of EPROM Status Bytes). If the Redirection Byte is different than this, the master
has to complement it to obtain the new page number. Multiplying the page number by 32 (20H) results in
the new address the master has to send to the DS1985 to read the updated data replacing the old data.
There is no logical limitation in the number of redirections of any page. The only limit is the number of
available memory pages within the DS1985.
In addition to page redirection, the Extended Read Memory command also supports “bit-oriented”
applications where the user cannot store a 16-bit CRC with the data itself. With bit-oriented applications
the EPROM information may change over time within a page boundary making it impossible to include
an accompanying CRC that will always be valid. Therefore, the Extended Read Memory command
concludes each page with the DS1985 generating and supplying a 16-bit CRC that is based on and
therefore always consistent with the current data stored in each page of the 16384-bit EPROM data field.
After having sent the command code of the Extended Read Memory command, the bus master follows
the command byte with a 2-byte address (TA1=(T7:T0), TA2=(T15:T8)) that indicates a starting byte
location within the data field. By sending eight read data time slots, the master receives the Redirection
Byte associated with the page given by the starting address. With the next sixteen read data time slots, the
bus master receives a 16-bit CRC of the command byte, address bytes and the Redirection Byte. This
CRC is computed by the DS1985 and read back by the bus master to check if the command word, starting
address and Redirection Byte were received correctly.
If the CRC read by the bus master is incorrect, a Reset Pulse must be issued and the entire sequence must
be repeated. If the CRC received by the bus master is correct, the bus master issues read time slots and
receives data from the DS1985 starting at the initial address and continuing until the end of a 32-byte
page is reached. At that point the bus master will send 16 additional read time slots and receive a 16-bit
CRC that is the result of shifting into the CRC generator all of the data bytes from the initial starting byte
to the last byte of the current page.
With the next 24 read data time slots the master will receive the Redirection Byte of the next page
followed by a 16-bit CRC of the Redirection Byte. After this, data is again read from the 16384-bit
EPROM data field starting at the beginning of the new page. This sequence will continue until the final
page and its accompanying CRC are read by the bus master.
The Extended Read Memory command provides a 16-bit CRC at two locations within the transaction
flow chart: 1) after the Redirection Byte and 2) at the end of each memory page. The CRC at the end of
the memory page is always the result of clearing the CRC generator and shifting in the data bytes
beginning at the first addressed memory location of the EPROM data page until the last byte of this page.
The CRC received by the bus master directly following the Redirection Byte, is calculated in two
different ways. With the initial pass through the Extended Read Memory flow chart the 16-bit CRC value
is the result of shifting the command byte into the cleared CRC generator, followed by the two address
bytes and the Redirection Byte. Subsequent passes through the Extended Read Memory flow chart will
generate a 16-bit CRC that is the result of clearing the CRC generator and then shifting in the Redirection
Byte only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com