Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1985 Datasheet(PDF) 25 Page - Dallas Semiconductor

Part # DS1985
Description  16-kbit Add-Only iButton
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1985 Datasheet(HTML) 25 Page - Dallas Semiconductor

Back Button DS1985 Datasheet HTML 17Page - Dallas Semiconductor DS1985 Datasheet HTML 18Page - Dallas Semiconductor DS1985 Datasheet HTML 19Page - Dallas Semiconductor DS1985 Datasheet HTML 20Page - Dallas Semiconductor DS1985 Datasheet HTML 21Page - Dallas Semiconductor DS1985 Datasheet HTML 22Page - Dallas Semiconductor DS1985 Datasheet HTML 23Page - Dallas Semiconductor DS1985 Datasheet HTML 24Page - Dallas Semiconductor DS1985 Datasheet HTML 25Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
DS1985
25 of 25
NOTES:
1. All voltages are referenced to ground.
2. VPUP = external pullup voltage. If VPUP is lower than 3.0V the first byte read (any read command)
may not reproduce the correct memory contents. Therefore, under low voltage conditions, it is
recommended to set either the most significant bit or all five most significant bits of TA2 to 1.
Internal circuitry of the chip will force these five bits back to 0 before they are shifted in the address
counter and CRC generator.
3. Input load is to ground.
4. An additional reset or communication sequence cannot begin until the reset high time has expired.
5. Read data setup time refers to the time the host must pull the 1-Wire bus low to read a bit. Data is
guaranteed to be valid within 1
µs of this falling edge and will remain valid for 14 µs minimum. (15
µs total from falling edge on 1-Wire bus.)
6. VIH is a function of the external pullup resistor and VPUP .
7. 30 nanocoulombs per 72 time slots @ 5.0V.
8. At VCC =5.0V with a 5k
Ω pullup to V
CC and a maximum time slot of 120
µs.
9. Capacitance on the data pin could be 800 pF when power is first applied. If a 5k
Ω resistor is used to
pull up the data line to VCC, 5
µs after power has been applied the parasite capacitance will not affect
normal communications.
10. Under certain low voltage conditions VILMAX may have to be reduced to as much as 0.5V to always
guarantee a presence pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com