Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1985 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1985
Description  16-kbit Add-Only iButton
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1985 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1985 Datasheet HTML 4Page - Dallas Semiconductor DS1985 Datasheet HTML 5Page - Dallas Semiconductor DS1985 Datasheet HTML 6Page - Dallas Semiconductor DS1985 Datasheet HTML 7Page - Dallas Semiconductor DS1985 Datasheet HTML 8Page - Dallas Semiconductor DS1985 Datasheet HTML 9Page - Dallas Semiconductor DS1985 Datasheet HTML 10Page - Dallas Semiconductor DS1985 Datasheet HTML 11Page - Dallas Semiconductor DS1985 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
DS1985
8 of 25
READ STATUS [AAH]
The Read Status command is used to read data from the EPROM Status data field. The bus master
follows the command byte with a 2-byte address (TA1=(T7:T0), TA2=(T15:T8)) that indicates a starting
byte location within the data field. With every subsequent read data time slot the bus master receives data
from the DS1985 starting at the supplied address and continuing until the end of an 8-byte page of the
EPROM Status data field is reached. At that point the bus master will receive a 16-bit CRC of the
command byte, address bytes and status data bytes. This CRC is computed by the DS1985 and read back
by the bus master to check if the command word, starting address and data were received correctly. If the
CRC read by the bus master is incorrect, a Reset Pulse must be issued and the entire sequence must be
repeated.
Note that the initial pass through the Read Status flow chart will generate a 16-bit CRC value that is the
result of clearing the CRC generator and then shifting in the command byte followed by the two address
bytes, and finally the data bytes beginning at the first addressed memory location and continuing through
to the last byte of the addressed EPROM Status data page. The last byte of a Status data page always has
an ending address of xx7 or xxFH. Subsequent passes through the Read Status flow chart will generate a
16-bit CRC that is the result of clearing the CRC generator and then shifting in the new data bytes starting
at the first byte of the next page of the EPROM Status data field.
This feature is provided since the EPROM Status information may change over time making it impossible
to program the data once and include an accompanying CRC that will always be valid. Therefore, the
Read Status command supplies a 16-bit CRC that is based on and always is consistent with the current
data stored in the EPROM Status data field.
After the 16-bit CRC of the last EPROM Status data page is read, the bus master will receive logical 1s
from the DS1985 until a Reset Pulse is issued. The Read Status command sequence can be ended at any
point by issuing a Reset Pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com