Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1985 Datasheet(PDF) 22 Page - Dallas Semiconductor

Part # DS1985
Description  16-kbit Add-Only iButton
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1985 Datasheet(HTML) 22 Page - Dallas Semiconductor

Back Button DS1985 Datasheet HTML 17Page - Dallas Semiconductor DS1985 Datasheet HTML 18Page - Dallas Semiconductor DS1985 Datasheet HTML 19Page - Dallas Semiconductor DS1985 Datasheet HTML 20Page - Dallas Semiconductor DS1985 Datasheet HTML 21Page - Dallas Semiconductor DS1985 Datasheet HTML 22Page - Dallas Semiconductor DS1985 Datasheet HTML 23Page - Dallas Semiconductor DS1985 Datasheet HTML 24Page - Dallas Semiconductor DS1985 Datasheet HTML 25Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
DS1985
22 of 25
PROGRAM PULSE TIMING DIAGRAM Figure 11
CRC GENERATION
With the DS1985 there are two different types of CRCs (Cyclic Redundancy Checks). One CRC is an 8-
bit type and is stored in the most significant byte of the 64-bit ROM. The bus master can compute a CRC
value from the first 56 bits of the 64-bit ROM and compare it to the value stored within the DS1985 to
determine if the ROM data has been received error-free by the bus master. The equivalent polynomial
function of this CRC is: X
8 + X5 + X4 + 1. This 8-bit CRC is received in the true (non-inverted) form
when reading the ROM of the DS1985. It is computed once at the factory and lasered into the ROM.
The other CRC is a 16-bit type, generated according to the standardized CRC16-polynomial function X
16
+ X
15 + X2 + 1. This CRC is used to safeguard user-defined EPROM data when reading data memory or
status memory. It is the same type of CRC as is used with NV RAM based iButtons to safeguard data
packets of the iButton File Structure. In contrast to the 8-bit CRC, the 16-bit CRC is always returned in
the complemented (inverted) form. A CRC-generator inside the DS1985 chip (Figure 12) will calculate a
new 16-bit CRC at every situation shown in the command flow chart of Figure 5.
The DS1985 provides this CRC-value to the bus master to validate the transfer of command, address, and
data to and from the bus master. When reading the data memory of the DS1985 with the Read Memory
command, the 16-bit CRC is only transmitted as the end of the memory is reached. This CRC is
generated by clearing the CRC generator, shifting in the command, low address, high address and every
data byte starting at the first addressed memory location and continuing until the end of the implemented
data memory is reached.
When reading the status memory with the Read Status command, the 16-bit CRC is transmitted when the
end of each 8-byte page of the status memory is reached. At the initial pass through the Read Status flow
chart the 16-bit CRC will be generated by clearing the CRC generator, shifting in the command byte, low
address, high address and the data bytes beginning at the first addressed memory location and continuing
until the last byte of the addressed EPROM Status data page is reached. Subsequent passes through the
Read Status flow chart will generate a 16-bit CRC that is the result of clearing the CRC generator and
then shifting in the new data bytes starting at the first byte of the next page of the EPROM Status data
field and continuing until the last byte of the page is reached.
LINE TYPE LEGEND:
Bus master active high
(12V @ 10 mA)
Resistor pullup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com