Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1982 Datasheet (PDF) - Maxim Integrated Products

DS1982 Datasheet PDF - Maxim Integrated Products
Part # DS1982
Download  DS1982 Download
File Size   695.63 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1Kb Add-Only iButton

DS1982 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1982 Datasheet PDF - Maxim Integrated Products

Part # DS1982
Download  DS1982 Click to download

File Size   695.63 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1Kb Add-Only iButton

DS1982 Datasheet (HTML) - Maxim Integrated Products


DS1982 Product details

iButton DESCRIPTION

The DS1982 1Kb Add-Only iButton is a rugged read/write data carrier that identifies and stores relevant information about the product or person to which it is attached. This information can be accessed with minimal hardware, for example, a single port pin of a microcontroller. The DS1982 consists of a factory lasered registration number that includes a unique 48-bit serial number, an 8-bit CRC, and an 8-bit Family Code (09h) plus 1Kb of EPROM that is user-programmable. The power to program and read the DS1982 is derived entirely from the 1-Wire communication line. Data is transferred serially via the 1-Wire protocol that requires only a single data lead and a ground return. The entire device can be programmed and then write-protected if desired. Alternatively, the part may be programmed multiple times with new data being appended to, but not overwriting, existing data with each subsequent programming of the device.



SPECIAL FEATURES

■ 1024 bits Electrically Programmable Read Only Memory (EPROM) communicates with the economy of one signal plus ground

■ EPROM partitioned into four 256-bit pages for randomly accessing packetized data

■ Each memory page can be permanently write protected to prevent tampering

■ Device is an “add only” memory where additional data can be programmed into EPROM without disturbing existing data

■ Architecture allows software to patch data by superseding an old page in favor of a newly programmed page

■ Reduces control, address, data, power, and programming signals to a single data pin

■ 8-bit family code specifies DS1982 communications requirements to reader

■ Reads over a wide voltage range of 2.8V to 6.0V from -40°C to +85°C; programs at 11.5V to 12.0V from -40°C to +50°C



COMMON iButton FEATURES

■ Unique, factory-lasered and tested 64-bit registration number (8-bit family code + 48-bit serial number + 8-bit CRC tester) assures absolute traceability because no two parts are alike

■ Multidrop controller for MicroLAN

■ Digital identification and information by momentary contact

■ Chip-based data carrier compactly stores information

■ Data can be accessed while affixed to object

■ Economically communicates to bus master with a single digital signal at 16.3kbps

■ Standard 16mm diameter and 1-Wire® protocol ensure compatibility with iButton® family

■ Button shape is self-aligning with cup-shaped probes

■ Durable stainless steel case engraved with registration number withstands harsh environments

■ Easily affixed with self-stick adhesive backing, latched by its flange, or locked with a ring pressed onto its rim

■ Presence detector acknowledges when reader first applies voltage



 




Similar Part No. - DS1982

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1982 DALLAS-DS1982 Datasheet
444Kb / 23P
1-kbit Add-Only iButton
DS1982-F3 DALLAS-DS1982-F3 Datasheet
444Kb / 23P
1-kbit Add-Only iButton
DS1982-F5 DALLAS-DS1982-F5 Datasheet
444Kb / 23P
1-kbit Add-Only iButton
More results


Similar Description - DS1982

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1982 DALLAS-DS1982 Datasheet
444Kb / 23P
1-kbit Add-Only iButton
DS1985 DALLAS-DS1985 Datasheet
440Kb / 25P
16-kbit Add-Only iButton
DS1961S DALLAS-DS1961S Datasheet
360Kb / 36P
1kb Protected EEPROM iButton With SHA-1 Engine
DS1986 DALLAS-DS1986 Datasheet
548Kb / 27P
64-kbits Add-Only iButton?
logo
Maxim Integrated Produc...
DS2505 MAXIM-DS2505 Datasheet
603Kb / 24P
16Kb Add-Only Memory
071107
DS1985 MAXIM-DS1985 Datasheet
696Kb / 26P
16Kb Add-Only iButton
Rev 8/09
DS2502 MAXIM-DS2502_11 Datasheet
1Mb / 24P
1Kb Add-Only Memory
Rev 12/11
DS1961S MAXIM-DS1961S Datasheet
364Kb / 36P
1kb Protected EEPROM iButton With SHA-1 Engine
092302
DS2506 MAXIM-DS2506 Datasheet
898Kb / 25P
64Kb Add-Only Memory
062100
DS2502 MAXIM-DS2502_V01 Datasheet
693Kb / 24P
1Kb Add-Only Memory
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com