Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEIC421 Datasheet (PDF) - IXYS Corporation

DEIC421 Datasheet PDF - IXYS Corporation
Part # DEIC421
Download  DEIC421 Download
File Size   302.82 Kbytes
Page   8 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description RF MOSFET DRIVER

DEIC421 Datasheet (PDF)

Go To PDF Page Download Datasheet
DEIC421 Datasheet PDF - IXYS Corporation

Part # DEIC421
Download  DEIC421 Click to download

File Size   302.82 Kbytes
Page   8 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description RF MOSFET DRIVER

DEIC421 Datasheet (HTML) - IXYS Corporation


DEIC421 Product details

Description
The DEIC421 is a CMOS high speed high current gate driver specifically designed to drive MOSFETs in Class D, E, and RF applications at up to 45MHz, as well as other applications requiring ultrafast rise and fall times or short minimum pulse widths. The DEIC421 is an improved version of the DEIC420. The DEIC421 has a Kelvin ground connection on the input side to allow the use of a common mode choke to avoid problems with ground bounce. The internal layout of the package has been improved to reduce inductance. The DEIC421 can source and sink 20A of peak current while producing voltage rise and fall times of less than 4ns, and minimum pulse widths of 8ns. The input of the driver is compatible with +5V or CMOS and is fully immune to latch up over the entire operating range. Its features and wide safety margin in operating voltage and power make the DEIC421 unmatched in performance and value.

Features
• Built using the advantages and compatibility of CMOS and IXYS HDMOS™ processes
• Latch-Up Protected
• High Peak Output Current: 20A Peak
• Wide Operating Range: 8V to 30V
• Rise and Fall Times of <4ns
• Minimum Pulse Width of 8ns
• High Capacitive Load Drive Capability: 4nF in <4ns
• Matched Rise and Fall Times
• 32ns Input to Output Delay Time
• Low Output Impedance
• Low Quiescent Supply Current
• Kelvin input ground connection
• Reduced internal inductance

Applications
• Driving RF MOSFETs
• Class D or E Switching Amplifier Drivers
• Multi-MHz Switch Mode Power Supplies (SMPS)
• Pulse Generators
• Acoustic Transducer Drivers
• Pulsed Laser Diode Drivers
• Pulse Transformer Driver




Similar Part No. - DEIC421

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DEIC420 IXYS-DEIC420 Datasheet
156Kb / 7P
20 Ampere Low-Side Ultrafast RF MOSFET Driver
More results


Similar Description - DEIC421

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DEIC420 IXYS-DEIC420 Datasheet
156Kb / 7P
20 Ampere Low-Side Ultrafast RF MOSFET Driver
DEIC515 IXYS-DEIC515 Datasheet
188Kb / 9P
15 Ampere Low-Side Ultrafast RF MOSFET Driver
IXZ4DF12N100 IXYS-IXZ4DF12N100 Datasheet
250Kb / 7P
RF Power MOSFET & DRIVER
IXZ4DF18N50 IXYS-IXZ4DF18N50 Datasheet
243Kb / 7P
RF Power MOSFET & DRIVER
logo
M/A-COM Technology Solu...
MAAM-010617 MA-COM-MAAM-010617 Datasheet
418Kb / 7P
RF Driver Amplifier
logo
IXYS Corporation
IXRFD615 IXYS-IXRFD615 Datasheet
1Mb / 8P
15 A Low-Side RF MOSFET Driver
IXRFD615X2 IXYS-IXRFD615X2 Datasheet
708Kb / 8P
15 A Dual Low-Side RF MOSFET Driver
IXRFD630 IXYS-IXRFD630 Datasheet
255Kb / 8P
30 A Low-Side RF MOSFET Driver
IXRFD631 IXYS-IXRFD631 Datasheet
209Kb / 8P
30 A Low-Side RF MOSFET Driver
IXRFDSM607X2 IXYS-IXRFDSM607X2 Datasheet
1Mb / 10P
15 A Low-Side RF MOSFET Driver
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com