Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXZ4DF18N50 Datasheet (PDF) - IXYS Corporation

IXZ4DF18N50 Datasheet PDF - IXYS Corporation
Part # IXZ4DF18N50
Download  IXZ4DF18N50 Download
File Size   243.67 Kbytes
Page   7 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description RF Power MOSFET & DRIVER

IXZ4DF18N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXZ4DF18N50 Datasheet PDF - IXYS Corporation

Part # IXZ4DF18N50
Download  IXZ4DF18N50 Click to download

File Size   243.67 Kbytes
Page   7 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description RF Power MOSFET & DRIVER

IXZ4DF18N50 Datasheet (HTML) - IXYS Corporation


IXZ4DF18N50 Product details

Description
The IXZ4DF18N50 is a CMOS high speed high current gate driver and ZMOS MOSFET combination specifically designed Class D and E HF RF applications at up to 40MHz, as well as other applications. The IXZ4DF18N50 in pulse mode can provide 95A of peak current while producing voltage rise and fall times of less than 4ns, and minimum pulse widths of 8ns. The input of the driver is fully immune to latch up over the entire operating range. Designed with small internal delays, the IXZ4DF18N50 is suitable for higher power operation where combiners are used. Its features and wide safety margin in operating voltage and power make the IXZ4DF18N50 unmatched in performance and value.

Features
• Isolated substrate
    − high isolation voltage (>2500V)
    − excellent thermal transfer
    − Increased temperature and power cycling capability
• IXYS advanced Z-MOS process
• Low Rds(ON)
• Very low insertion inductance(<2nH)
• No beryllium oxide (BeO) or other hazardous materials
• Built using the advantages and compatibility of CMOS and IXYS HDMOS™ processes
• Latch-up protected
• Low quiescent supply current

Advantages
• Optimized for RF and high speed
• Easy to mount—no insulators needed
• High power density
• Single package reduces size and heat sink area

Applications
• Class D or E Switching Amplifier
• Multi MHz Switch Mode Power Supplies (SMPS)




Similar Part No. - IXZ4DF18N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXZ4DF12N100 IXYS-IXZ4DF12N100 Datasheet
250Kb / 7P
RF Power MOSFET & DRIVER
More results


Similar Description - IXZ4DF18N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DE375-102N10A IXYS-DE375-102N10A Datasheet
157Kb / 3P
RF Power MOSFET
IXZ12210N50L IXYS-IXZ12210N50L Datasheet
304Kb / 4P
RF Power MOSFET
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
Broadband RF Power MOSFET Broadband RF Power MOSFET
logo
IXYS Corporation
DEIC421 IXYS-DEIC421 Datasheet
302Kb / 8P
RF MOSFET DRIVER
IXZ4DF12N100 IXYS-IXZ4DF12N100 Datasheet
250Kb / 7P
RF Power MOSFET & DRIVER
logo
Advanced Semiconductor
MRF185 ASI-MRF185 Datasheet
37Kb / 1P
RF POWER MOSFET
logo
IXYS Corporation
DE275-501N16A IXYS-DE275-501N16A Datasheet
162Kb / 5P
RF Power MOSFET
DE275X2-501N16A IXYS-DE275X2-501N16A Datasheet
175Kb / 4P
RF Power MOSFET
DE375-501N21A IXYS-DE375-501N21A_09 Datasheet
152Kb / 5P
RF Power MOSFET
IXZ210N50L IXYS-IXZ210N50L_07 Datasheet
326Kb / 9P
RF Power MOSFET
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com