Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXZ4DF18N50 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXZ4DF18N50
Description  RF Power MOSFET & DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXZ4DF18N50 Datasheet(HTML) 5 Page - IXYS Corporation

  IXZ4DF18N50 Datasheet HTML 1Page - IXYS Corporation IXZ4DF18N50 Datasheet HTML 2Page - IXYS Corporation IXZ4DF18N50 Datasheet HTML 3Page - IXYS Corporation IXZ4DF18N50 Datasheet HTML 4Page - IXYS Corporation IXZ4DF18N50 Datasheet HTML 5Page - IXYS Corporation IXZ4DF18N50 Datasheet HTML 6Page - IXYS Corporation IXZ4DF18N50 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IXZ4DF18N50
RF Power MOSFET & DRIVER
VCCIN Supply Current vs. Frequency
Driver Section
0.001
0.01
0.1
1
10
0
10
20
30
40
50
Frequency (MHz)
8V
15V
20V
Fig. 14
4.7UF
4.7UF
+
4.7UF
+
4.7UF
0.01u
0.01u
0.01u 0.01u
0.01u 0.01u 0.01u 0.01u
0.47u
0.47u
0.47u
0.47u
10UF 100V
5 ohm 20W
VDD
VCC
VCC
.01uF
IN
VCC
VCC
INGND
IN
INVCC
DGND
DGND
Drain
Source
Source
Place all capacitors on VCC as
close to the VCC lead as possible
L1
CM Choke
Fig. 15
Test Circuit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com