Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXZ4DF18N50 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXZ4DF18N50
Description  RF Power MOSFET & DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXZ4DF18N50 Datasheet(HTML) 1 Page - IXYS Corporation

  IXZ4DF18N50 Datasheet HTML 1Page - IXYS Corporation IXZ4DF18N50 Datasheet HTML 2Page - IXYS Corporation IXZ4DF18N50 Datasheet HTML 3Page - IXYS Corporation IXZ4DF18N50 Datasheet HTML 4Page - IXYS Corporation IXZ4DF18N50 Datasheet HTML 5Page - IXYS Corporation IXZ4DF18N50 Datasheet HTML 6Page - IXYS Corporation IXZ4DF18N50 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IXZ4DF18N50
RF Power MOSFET & DRIVER
Driver / MOSFET Combination
DEIC-515 Driver combined with IXZ318N50 MOSFET
Gate driver matched to MOSFET
Figure 1.
Functional Diagram
Applications
• Class D or E Switching
Amplifier
• Multi MHz Switch Mode
Power Supplies (SMPS)
Features
• Isolated substrate
−
high isolation voltage (>2500V)
−
excellent thermal transfer
−
Increased temperature and power cycling capability
• IXYS advanced Z-MOS process
• Low Rds(ON)
• Very low insertion inductance(<2nH)
• No beryllium oxide (BeO) or other hazardous materials
• Built using the advantages and compatibility of CMOS and IXYS
HDMOS™ processes
• Latch-up protected
• Low quiescent supply current
Advantages
• Optimized for RF and high speed
• Easy to mount—no insulators needed
• High power density
• Single package reduces size and heat sink area
Description
The IXZ4DF18N50 is a CMOS high speed high current gate driver and ZMOS MOSFET combination
specifically designed Class D and E HF RF applications at up to 40MHz, as well as other applications. The
IXZ4DF18N50 in pulse mode can provide 95A of peak current while producing voltage rise and fall times of less
than 4ns, and minimum pulse widths of 8ns. The input of the driver is fully immune to latch up over the entire
operating range. Designed with small internal delays, the IXZ4DF18N50 is suitable for higher power operation
where combiners are used. Its features and wide safety margin in operating voltage and power make the
IXZ4DF18N50 unmatched in performance and value.
The IXZ4DF18N50 is packaged in DEI's low inductance RF package incorporating DEI's RF layout techniques
to minimize stray lead inductances for optimum switching performance. The IXZ4DF18N50 is a surface-
mountable device.
500 Volts
19 A
0.29 Ohms


Similar Part No. - IXZ4DF18N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXZ4DF12N100 IXYS-IXZ4DF12N100 Datasheet
250Kb / 7P
RF Power MOSFET & DRIVER
More results

Similar Description - IXZ4DF18N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DE375-102N10A IXYS-DE375-102N10A Datasheet
157Kb / 3P
RF Power MOSFET
IXZ12210N50L IXYS-IXZ12210N50L Datasheet
304Kb / 4P
RF Power MOSFET
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
Broadband RF Power MOSFET Broadband RF Power MOSFET
logo
IXYS Corporation
DEIC421 IXYS-DEIC421 Datasheet
302Kb / 8P
RF MOSFET DRIVER
IXZ4DF12N100 IXYS-IXZ4DF12N100 Datasheet
250Kb / 7P
RF Power MOSFET & DRIVER
logo
Advanced Semiconductor
MRF185 ASI-MRF185 Datasheet
37Kb / 1P
RF POWER MOSFET
logo
IXYS Corporation
DE275-501N16A IXYS-DE275-501N16A Datasheet
162Kb / 5P
RF Power MOSFET
DE275X2-501N16A IXYS-DE275X2-501N16A Datasheet
175Kb / 4P
RF Power MOSFET
DE375-501N21A IXYS-DE375-501N21A_09 Datasheet
152Kb / 5P
RF Power MOSFET
IXZ210N50L IXYS-IXZ210N50L_07 Datasheet
326Kb / 9P
RF Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com