Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXZ4DF18N50 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXZ4DF18N50
Description  RF Power MOSFET & DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXZ4DF18N50 Datasheet(HTML) 4 Page - IXYS Corporation

  IXZ4DF18N50 Datasheet HTML 1Page - IXYS Corporation IXZ4DF18N50 Datasheet HTML 2Page - IXYS Corporation IXZ4DF18N50 Datasheet HTML 3Page - IXYS Corporation IXZ4DF18N50 Datasheet HTML 4Page - IXYS Corporation IXZ4DF18N50 Datasheet HTML 5Page - IXYS Corporation IXZ4DF18N50 Datasheet HTML 6Page - IXYS Corporation IXZ4DF18N50 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IXZ4DF18N50
RF Power MOSFET & DRIVER
Rise Tim e vs. Supply Voltage
ID = 0.5 IDM
2
2.5
3
3.5
4
5
10
15
20
25
VCC / VCCIN / IN (V)
Fall Time vs. Supply Voltage
I
D = 0.5 IDM
0
2
4
6
8
10
12
5
10
15
20
25
VCC / VCCIN / IN (V)
Rise Time vs. Temperature
ID = 0.5 IDM, VCC / VCCIN / IN = 15V
1
1.5
2
2.5
3
20
70
120
170
Temperature °C
Fall Time vs. Temperature
I
D = 0.5 IDM, VCC / VCCIN / IN = 15V
1.5
2
2.5
3
20
70
120
170
Temperature °C
O u tp u t C a p a c ita n c e vs . VD S Vo lta g e
1
1 0
1 0 0
1 0 0 0
1 0 0 0 0
0
1 0 0
2 0 0
3 0 0
4 0 0
5 0 0
VD S (V)
C OSS
V
CC Supply Current vs . Frequency
Driver Section
0.01
0.1
1
10
0
10
20
30
40
50
Frequency (MHz)
8V
15V
20V
Fig. 8
Fig. 9
Fig. 10
Fig. 11
Fig. 12
Fig. 13



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com