Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL80102 Datasheet (PDF) - Intersil Corporation

ISL80102 Datasheet PDF - Intersil Corporation
Part # ISL80102
Download  ISL80102 Download
File Size   623.51 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Performance 2A and 3A LDOs

ISL80102 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL80102 Datasheet PDF - Intersil Corporation

Part # ISL80102
Download  ISL80102 Click to download

File Size   623.51 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Performance 2A and 3A LDOs

ISL80102 Datasheet (HTML) - Intersil Corporation


ISL80102 Product details

High Performance 2A and 3A Linear Regulators

The ISL80102 and ISL80103 are low voltage, high-current, single output LDOs specified for 2A and 3A output current, respectively. These LDOs operate from input voltages of 2.2V to 6Vand are capable of providing output voltages of 0.8V to 5V on the adjustable VOUT versions. Fixed output voltage options are available in 1.5V, 1.8V, 2.5V, 3.3V and 5V. Other custom voltage options available upon request.



Features

• Stable with all Capacitor Types (Note 11)

• 2A and 3A Output Current Ratings

• 2.2V to 6V Input Voltage Range

• ±1.8% VOUTAccuracy Guaranteed Over Line, Load and TJ= -40°C to +125°C

• Very Low 120mV Dropout Voltage at 3A (ISL80103)

• Fixed and Adjustable VOUTVersions

• Very Fast Transient Response

• Excellent 62dB PSRR

• 100µVRMSOutput Noise

• Power-Good Output

• Adjustable In-Rush Current Limiting

• Short Circuit and Over-Temperature Protection

• Available in a 10 Ld DFN (now), 5Ld TO220 and 5Ld TO263 (soon)




Similar Part No. - ISL80102

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80102 INTERSIL-ISL80102 Datasheet
621Kb / 15P
High Performance 2A and 3A Linear Regulators
March 22, 2010
ISL80102 INTERSIL-ISL80102 Datasheet
850Kb / 15P
High Performance 2A and 3A Linear Regulators
March 24, 2011
ISL80102 INTERSIL-ISL80102 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL80102 INTERSIL-ISL80102 Datasheet
729Kb / 16P
High Performance 2A and 3A Linear Regulators
June 14, 2013
logo
Renesas Technology Corp
ISL80102 RENESAS-ISL80102 Datasheet
1Mb / 17P
High Performance 2A and 3A Linear Regulators
More results


Similar Description - ISL80102

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80102 INTERSIL-ISL80102_10 Datasheet
621Kb / 15P
High Performance 2A and 3A Linear Regulators
March 22, 2010
ISL80102 INTERSIL-ISL80102_11 Datasheet
850Kb / 15P
High Performance 2A and 3A Linear Regulators
March 24, 2011
logo
Texas Instruments
LM5100AM_NOPB TI1-LM5100AM_NOPB Datasheet
1Mb / 28P
3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
Intersil Corporation
ISL80102 INTERSIL-ISL80102_13 Datasheet
729Kb / 16P
High Performance 2A and 3A Linear Regulators
June 14, 2013
logo
Micrel Semiconductor
MIC37110 MICREL-MIC37110 Datasheet
1Mb / 20P
High-Performance, Low-Noise, 1A LDOs
logo
Intersil Corporation
ISL80112IRAJZ INTERSIL-ISL80112IRAJZ Datasheet
756Kb / 17P
Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
November 1, 2013
ISL80102IRAJZ INTERSIL-ISL80102IRAJZ Datasheet
746Kb / 16P
High Performance 2A and 3A Linear Regulators
June 14, 2013
ISL80111IRAJZ INTERSIL-ISL80111IRAJZ Datasheet
761Kb / 17P
Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
November 1, 2013
logo
Renesas Technology Corp
ISL80102 RENESAS-ISL80102 Datasheet
1Mb / 17P
High Performance 2A and 3A Linear Regulators
ISL80111 RENESAS-ISL80111 Datasheet
972Kb / 16P
Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com