Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC37110 Datasheet (PDF) - Micrel Semiconductor

MIC37110 Datasheet PDF - Micrel Semiconductor
Part # MIC37110
Download  MIC37110 Download
File Size   1105.44 Kbytes
Page   20 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High-Performance, Low-Noise, 1A LDOs

MIC37110 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC37110 Datasheet PDF - Micrel Semiconductor

Part # MIC37110
Download  MIC37110 Click to download

File Size   1105.44 Kbytes
Page   20 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High-Performance, Low-Noise, 1A LDOs

MIC37110 Datasheet (HTML) - Micrel Semiconductor


MIC37110 Product details

General Description
The MIC37110/MIC37112 and MIC37120/MIC37122 are high-performance, low-noise, low dropout regulators. Each of these LDOs is capable of sourcing 1A output current, offers high power supply rejection, and low output noise. These general purpose LDOs are most suitable for consumer applications such as multimedia devices, set-top boxes, Blu-ray players, handheld devices, and gaming consoles.

Features
• Input voltage range: 2.375V to 5.5V
• Output voltage adjustable down to 1.0V (MIC37112/MIC37122)
• Stable with small, 2.2µF ceramic output capacitor
• 230mV typical dropout at 1A
• 1A minimum guaranteed output current
• ±2.0% initial accuracy
• Low ground current
• High PSRR: >60dB, up to 1kHz
• Output auto-discharge circuit (MIC37120/MIC37122)
• Thermal-shutdown and current-limit protection

Applications
• Mobile phones and consumer multimedia devices
• Set-top boxes and Blu-ray players
• Gaming consoles
• Tablets and handheld devices
• GPS receivers




Similar Part No. - MIC37110

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37100 MICREL-MIC37100 Datasheet
163Kb / 15P
1A LOW VOLTAGE U CAP LDO REGULATOR
MIC37100 MICREL-MIC37100 Datasheet
707Kb / 15P
1A Low-Voltage 關Cap LDO
MIC37100-1.5BM MICREL-MIC37100-1.5BM Datasheet
163Kb / 15P
1A LOW VOLTAGE U CAP LDO REGULATOR
MIC37100-1.5BS MICREL-MIC37100-1.5BS Datasheet
163Kb / 15P
1A LOW VOLTAGE U CAP LDO REGULATOR
MIC37100-1.5BS MICREL-MIC37100-1.5BS Datasheet
707Kb / 15P
1A Low-Voltage 關Cap LDO
More results


Similar Description - MIC37110

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LPS200 FILTRONIC-LPS200 Datasheet
29Kb / 2P
HIGH PERFORMANCE LOW NOISE PHEMT
logo
Intersil Corporation
ISL80102 INTERSIL-ISL80102 Datasheet
623Kb / 16P
High Performance 2A and 3A LDOs
September 30, 2009
ISL80101 INTERSIL-ISL80101 Datasheet
544Kb / 15P
High Performance 1A LDO
ISL78310 INTERSIL-ISL78310 Datasheet
659Kb / 13P
High Performance 1A LDO
February 17, 2011
ISL80101 INTERSIL-ISL80101_11 Datasheet
583Kb / 11P
High Performance 1A LDO
August 31, 2011
logo
Monolithic Power System...
MP20051 MPS-MP20051 Datasheet
328Kb / 12P
Low Noise, High PSRR, 1A Linear Regulator
logo
Intersil Corporation
ISL80101IRAJZ-TK INTERSIL-ISL80101IRAJZ-TK Datasheet
583Kb / 11P
High Performance 1A LDO
ISL78310ARAJZ INTERSIL-ISL78310ARAJZ Datasheet
536Kb / 14P
High Performance 1A LDO
November 7, 2014
ISL80101IRAJZ INTERSIL-ISL80101IRAJZ Datasheet
499Kb / 12P
High Performance 1A LDO
August 26, 2015
ISL80510IRAJZ INTERSIL-ISL80510IRAJZ Datasheet
808Kb / 13P
High Performance 1A LDO
July 28, 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com