Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73058 Datasheet (PDF) - Pomona Electronics

73058 Datasheet PDF - Pomona Electronics
Part # 73058
Download  73058 Download
File Size   104.71 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description UHF Jack to Jack Adapter

73058 Datasheet (PDF)

Go To PDF Page Download Datasheet
73058 Datasheet PDF - Pomona Electronics

Part # 73058
Download  73058 Click to download

File Size   104.71 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description UHF Jack to Jack Adapter

73058 Datasheet (HTML) - Pomona Electronics


73058 Product details

Features
• DC – 300MHz bandwidth.
• Connectors are precision machined.




Similar Part No. - 73058

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7305 GILWAY-7305 Datasheet
33Kb / 1P
T-1 Subminiature Lamps
logo
Heyco.
7305 HEYCO-7305 Datasheet
132Kb / 1P
Female Pin Connectors
logo
Mitutoyo America Corpor...
7305 MITUTOYO-7305 Datasheet
95Kb / 1P
Dial Thickness Gages
logo
V-COIL THREAD SYSTEM
7305 V-COIL-7305 Datasheet
102Kb / 3P
Wire-Thread-Inserts
logo
Pomona Electronics
73050 POMONA-73050 Datasheet
134Kb / 2P
N Type Plug, 50 Ohm, Crimp Type , RG58, 141
More results


Similar Description - 73058

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73047 POMONA-73047 Datasheet
106Kb / 1P
N Type Jack to UHF Plug Adapter
logo
Pasternack Enterprises,...
PE9116 PASTERNACK-PE9116 Datasheet
232Kb / 2P
SMB Jack to SMB Jack Adapter
PE9283 PASTERNACK-PE9283 Datasheet
239Kb / 2P
SMC Jack to SMB Jack Adapter
PE9337 PASTERNACK-PE9337 Datasheet
248Kb / 3P
SHV Jack to SHV Jack Adapter
PE9526 PASTERNACK-PE9526 Datasheet
247Kb / 2P
MMCX Jack to MCX Jack Adapter
PE9710 PASTERNACK-PE9710 Datasheet
245Kb / 2P
Mini UHF Female to FME Jack Adapter
logo
Tyco Electronics
1057848-1 MACOM-1057848-1 Datasheet
41Kb / 1P
OST JACK TO OSM JACK ADAPTER
logo
Amphenol Corporation
83-1F AMPHENOL-83-1F Datasheet
188Kb / 1P
TITLE UHF JACK TO JACK ADAPTOR
logo
Linx Technologies
ADP-SMAF-SMBF-G LINX-ADP-SMAF-SMBF-G Datasheet
896Kb / 4P
SMA Jack to SMB Jack Adapter
2020
logo
Huber+Suhner, Inc.
31_UHF-0-0-1022 HUBERSUHNER-31_UHF-0-0-1022 Datasheet
3Mb / 2P
COAXIAL ADAPTER, UHF, X Ohm, jack / jack (female / female)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com